Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1111-MU Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT42QT1111-MU
Description  QTouch 11-key Sensor IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-MU Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT42QT1111-MU Datasheet HTML 10Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 11Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 12Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 13Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 14Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 15Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 16Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 17Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
14
9571A–AT42–02/10
AT42QT1111-MU/AT42QT1111-AU
Figure 4-5.
Positive Recalibration Delay Set Instruction – CRC Disabled
With CRC Enabled, a CRC byte is also required (Figure 4-6). This is calculated for the two
transmitted bytes (that is, the “Set” command and the data byte).
For example, for the sequence shown in Figure 4-5 (0x95 — 0x0C), the CRC Byte is 0x9F. As is
the case with the other command types, when the QT1111 is expecting a CRC byte from the
host, it calculates that byte in advance and returns the expected value to the host in the same
transmission as the host sends the CRC byte.
The sent data is not applied to the memory location until the CRC byte has been received and
verified.
Figure 4-6.
Positive Recalibration Delay Set Instruction – CRC Enabled
Host (Sends on MOSI)
Command: 0x95
“Set” Data: 0x0C
Response: 0x95 (Command Just Received)
Simultaneous
Transmission
Response: 0x55 ( Idle”
Fresh Command)
Device (Responds on MISO)
Host (Sends on MOSI)
Command: 0x95
“Set” Data: 0x0C
Response: 0x95 (Command Just Received)
Simultaneous
Transmission
Command CRC: 0x9F
Response: 0x9F (Expected CRC)
Response: 0x55 ( Idle”
Fresh Command)
Device (Responds on MISO)


Similar Part No. - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
More results

Similar Description - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
   QTouch??11-key Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com