Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1111-MU Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT42QT1111-MU
Description  QTouch 11-key Sensor IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-MU Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT42QT1111-MU Datasheet HTML 14Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 15Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 16Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 17Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 18Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 19Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 20Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 21Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
18
9571A–AT42–02/10
AT42QT1111-MU/AT42QT1111-AU
• Touch mode
– The CHANGE pin is pulled low when one or more keys are in detect. The CHANGE
pin remains low as long as there is a key in detect, regardless of communications.
–The CHANGE pin is released when there are no keys in detect. No host
communications are required to release the CHANGE pin.
4.6
Stand-alone Mode
The QT1111 can operate in a stand-alone mode without the use of the SPI interface. The
settings are loaded from EEPROM and the device operates in 7-key mode using the Detect
outputs.
4.7
Key Modes
4.7.1
11-key Mode
In 11-key mode, the device can sense up to 11 keys. Alternatively, one key can be replaced by
the SYNC line as an external trigger input (see Section 4.8.2 on page 19).
11-key mode is configured by setting the “MODE” bit in the Device Mode setup byte (see
Section 7.4 on page 29).
Key acquisition can be triggered in one of two ways: using the internal clock to trigger acquisition
either at a fixed repetition period or in a continuous “free run” mode (see Section 4.8.1), or using
the SYNC pin to provide an external trigger (see Section 4.8.2 on page 19),
4.7.2
7-key Mode
In 7-key mode, the detect outputs DETECT0 to DETECT6 become active on pins 22–27 and 30.
These outputs provide configurable PWM signals that indicate when each of the keys is
touched.
7-key mode is configured by clearing the “MODE” bit in the Device Mode setup byte (see
Section 7.4 on page 29).
Each DETECT output can be individually configured to output a PWM signal while the matching
key is in detect or out of detect. This signal can be one of nine levels, ranging from low
(PWM = 0 percent) to high (PWM = 100 percent). This allows for the use of an indicating LED.
This is achieved by enabling the appropriate bit in the Key to LED setup byte (see Section 7.14
on page 35), and setting the desired outputs levels or PWMs in setup addresses 9 to 15 (see
Section 7.12 on page 33).
4.8
Trigger Modes
4.8.1
Timed Trigger
In 11-key mode, The QT1111 can be configured to use the internal clock as a timed trigger. In
this case, the QT1111 is configured with a cycle period, such that each acquisition cycle starts a
specified length of time after the start of the previous cycle. If the cycle period is set to “0”, each
acquisition cycle starts as soon as the previous one has finished, resulting in the acquisition
cycles running back-to-back in a “free run” mode.
The use of a timed trigger, and the cycle period to be used, is set in the Device Mode setup byte
(see Section 7.4 on page 29).


Similar Part No. - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
More results

Similar Description - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
   QTouch??11-key Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com