Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1111-MU Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT42QT1111-MU
Description  QTouch 11-key Sensor IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-MU Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT42QT1111-MU Datasheet HTML 16Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 17Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 18Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 19Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 20Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 21Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 22Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 23Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
20
9571A–AT42–02/10
AT42QT1111-MU/AT42QT1111-AU
Figure 4-9.
Guard Channel Example
4.10
Self-test Functions
4.10.1
Internal Hardware Tests
Internal hardware tests check for hardware failure in the device’s internal memory areas and
data paths. Any failure detected in the function or contents of application ROM, RAM or registers
causes the device to reset itself.
The application code is scanned with a CRC check routine to confirm that the application data is
all correct.
The RAM and registers are checked periodically (every 10 seconds) for dynamic and static
failures.
4.10.2
Functional Checks
Functional checks confirm that the device is operating within expected parameters; any failure
detected in these tests is notified to the system host. The device will continue to operate in the
event that such functional failures are detected.
The functional tests are:
• Check that the channel-measurement signals are within the defined range.
• Confirm that data stored in the EEPROM is valid.
These tests are carried out as the particular functions are used. For example, the EEPROM is
checked when the device attempts to load data from EEPROM, and the channel signals are
checked when a measurement is carried out.
Note:
If a particular channel is unused, the threshold of that channel should be set to 0 to
prevent the incorrect reporting of the unused channel as being in an error state.
4.11
Signal Processing
4.11.1
Detection Integrator
The device features a detection integration mechanism, which acts to confirm a detection in a
robust fashion. A per-key counter is incremented each time the key has exceeded its threshold.
When this counter reaches a preset limit the key is finally declared to be touched. For example,
if the DI limit is set to 10, then a key’s signal must fall by more than the key threshold, and
remain below that level for 10 acquisitions, before the key is declared to be touched.
Similarly, the DI is applied to a key that is going out of detect: it must take 10 acquisitions where
the signal has not exceeded its detect threshold before it is declared to leave touch.
Guard Channel
Formed of One Key
Key Pad Formed
of Six Keys


Similar Part No. - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results

Similar Description - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
4 KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
QTouch??4-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com