Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1111-MU Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT42QT1111-MU
Description  QTouch 11-key Sensor IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-MU Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT42QT1111-MU Datasheet HTML 17Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 18Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 19Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 20Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 21Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 22Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 23Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 24Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
21
9571A–AT42–02/10
AT42QT1111-MU/AT42QT1111-AU
4.11.2
Burst Length Limitations
The maximum burst length is 2048 pulses. The recommended design is to use a capacitor that
gives a signal of <1000 pulses.
The number of pulses in the burst can be obtained by reading the key signal (that is, the number
of pulses to complete measurement of the key’s signal) over the SPI interface (see Section 6.8
on page 26). Alternatively, a scope can be used to measure the entire burst, and then the burst
length divided by the time for a single pulse.
Note that the keys are independent of each other. It is therefore possible, for example, to have a
signal of 100 on one key and a signal of 1000 on another.
4.11.3
Adjacent Key Suppression Technology
The device includes Atmel’s patented Adjacent Key Suppression (AKS) technology to allow the
use of tightly spaced keys on a keypad with no loss of selectability by the user.
AKS is enabled or disabled for each key individually; only one key out of those enabled for AKS
may be reported as touched at any one time. The first key touched dominates and stays in
detect until it is released, even if another stronger key is reported. Once it is released, the next
strongest key is reported. If two keys are simultaneously detected, the strongest key is reported,
allowing a user to slide a finger across multiple keys with only the dominant key reporting touch.
Each key can be enabled for AKS processing via the AKS mask (see Section 7.11 on page 33).
Keys outside the group of enabled keys may be in detect simultaneously.


Similar Part No. - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results

Similar Description - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
4 KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
QTouch??4-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com