Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1111-MU Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT42QT1111-MU
Description  QTouch 11-key Sensor IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-MU Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT42QT1111-MU Datasheet HTML 22Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 23Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 24Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 25Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 26Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 27Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 28Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 29Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
26
9571A–AT42–02/10
AT42QT1111-MU/AT42QT1111-AU
6.7
Error Keys (0xC5)
This command returns a 2-byte bit-field report indicating the error status of all 11 keys. Note that
disabled keys do not report errors.
KEY_n: 0 = key n status good, 1 = key n in error (where n is 0–10).
6.8
Signal for Key “k” (0x2k)
This command returns a 2-byte report containing the most recent measured signal for key “k”.
The signal is returned as a 16-bit number, MSB first.
6.9
Reference for Key “k” (0x4k)
This command returns a 2-byte report containing the reference signal for key “k”. The reference
is returned as a 16-bit number, MSB first.
6.10
Status for Key “k” (0x8k)
This command returns a 1-byte report containing the status for key “k”.
DETECT: 0ut of detect, 1 = in detect.
LBL: 0 = lower burst limit is good, 1 = lower burst limit has error.
MBL: 0 = maximum burst limit is good, 1 = maximum burst limit has error. The maximum burst
limit is fixed at 2048 pulses.
AKS_EN: 0 = AKS is disabled, 1 = AKS is enabled.
CAL: 0 = normal, 1 = calibrating.
KEY_EN: 0 = key is disabled, 1 = key is enabled.
Table 6-5.
Send All Keys Report Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Byte 0
KEY_10
KEY_9
KEY_8
Byte 1
KEY_7
KEY_6
KEY_5
KEY_4
KEY_3
KEY_2
KEY_1
KEY_0
Table 6-6.
Signal for Key “k” Report Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Byte 0
Signal MSB
Byte 1
Signal LSB
Table 6-7.
Reference for Key “k” Report Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Byte 0
Reference MSB
Byte 1
Reference LSB
Table 6-8.
Reference for Key “k” Report Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Byte 0
DETECT
LBL
MBL
AKS_EN
CAL
KEY_EN


Similar Part No. - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results

Similar Description - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
4 KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
QTouch??4-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com