Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1111-MU Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT42QT1111-MU
Description  QTouch 11-key Sensor IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-MU Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT42QT1111-MU Datasheet HTML 24Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 25Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 26Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 27Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 28Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 29Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 30Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 31Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
28
9571A–AT42–02/10
AT42QT1111-MU/AT42QT1111-AU
7.
Setups and Status Information
7.1
Introduction
The bytes of the setup table can be written to or read from individually. The setup table and the
corresponding “Set” and “Get” commands are listed in Table 7-1. Note that there is a
discontinuity in the “Set” and “Get” commands; 0xAF and 0xEF are not implemented.
Table 7-1.
Memory Map
Address
Function
Set Command
Get Command
0
Device Mode
0x90
0xD0
1
Guard Key/Comms Options
0x91
0xD1
2
Detect Integrator (DI)/Drift Hold Time (DHT)
0x92
0xD2
3
Positive Threshold (PTHR)/Positive Hysterisis (PHYST)
0x93
0xD3
4
Positive Drift Compensation (PDRIFT)
0x94
0xD4
5
Positive Recalibration Delay (PRD)
0x95
0xD5
6
Lower Burst Limit (LBL)
0x96
0xD6
7
AKS Mask: Keys 8–10
0x97
0xD7
8
AKS Mask: Keys 0–7
0x98
0xD8
9
Detect0 PWM “Detect”/PWM “No Detect”
0x99
0xD9
10
Detect1 PWM “Detect”/PWM “No Detect”
0x9A
0xDA
11
Detect2 PWM “Detect”/PWM “No Detect”
0x9B
0xDB
12
Detect3 PWM “Detect”/PWM “No Detect”
0x9C
0xDC
13
Detect4 PWM “Detect”/PWM “No Detect”
0x9D
0xDD
14
Detect5 PWM “Detect”/PWM “No Detect”
0x9E
0xDE
15
Detect6 PWM “Detect”/PWM “No Detect”
0x9F
0xDF
16
LED Detect Hold Time
0xA0
0xE0
17
LED Fade/Key to LED
0xA1
0xE1
18
LED Latch
0xA2
0xE2
19
Key0 Negative Threshold (NTHR)/Negative Hysterisis (NHYST)
0xA3
0xE3
20
Key1 Negative Threshold (NTHR)/Negative Hysterisis (NHYST)
0xA4
0xE4
21
Key2 Negative Threshold (NTHR)/Negative Hysterisis (NHYST)
0xA5
0xE5
22
Key3 Negative Threshold (NTHR /Negative Hysterisis (NHYST)
0xA6
0xE6
23
Key4 Negative Threshold (NTHR /Negative Hysterisis (NHYST)
0xA7
0xE7
24
Key5 Negative Threshold (NTHR)/Negative Hysterisis (NHYST)
0xA8
0xE8
25
Key6 Negative Threshold (NTHR)/Negative Hysterisis (NHYST)
0xA9
0xE9
26
Key7 Negative Threshold (NTHR)/Negative Hysterisis (NHYST)
0xAA
0xEA
27
Key8 Negative Threshold (NTHR)/Negative Hysterisis (NHYST)
0xAB
0xEB
28
Key9 Negative Threshold (NTHR)/Negative Hysterisis (NHYST)
0xAC
0xEC
29
Key10 NegativeThreshold (NTHR)/Negative Hysterisis (NHYST)
0xAD
0xED
30
Reserved
31
Key0 Negative Drift Compensation (NDRIFT)/Negative Recalibration Delay (NRD)
0xB0
0xF0


Similar Part No. - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
More results

Similar Description - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
   QTouch??11-key Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com