Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1111-MU Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT42QT1111-MU
Description  QTouch 11-key Sensor IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-MU Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT42QT1111-MU Datasheet HTML 26Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 27Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 28Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 29Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 30Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 31Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 32Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 33Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
30
9571A–AT42–02/10
AT42QT1111-MU/AT42QT1111-AU
REPEAT_TIME: selects the “repeat” time when “Timed” is selected as the trigger to start key
acquisition. The number entered is a multiple of 16 ms. If “0” is entered, the device will operate
in a continuous “free run” mode; that is, the QT1111 will not sleep after its cycle is completed but
will begin the next key acquisition cycle immediately.
Default KEY_AC value:
1 (timed)
Default MODE value:
0 (7-key mode)
Default SIGNAL value:
1 (parallel)
Default SYNC value:
1 (edge)
Default REPEAT_TIME value:
2 (32 ms cycle)
7.5
Address 1: Guard Key/Comms Options
GUARD_KEY: specifies the key (0 to 10) to be used as a guard channel (see Section 2.3 on
page 7) .
GD_EN: enables the use of a guard key; 0 = disable, 1 = enable.
SPI_EN: enables the Quick SPI interface; 0 = disable, 1 = enable (see Table 7-4).
See Section 4.1.6 on page 16 for details of the Quick SPI Mode report.
To exit this mode (and clear the “SPI_EN” bit), the command “0x36” should be sent. To save the
settings to EEPROM and make Quick SPI mode active on startup, send the “Store to EEPROM”
command (0x0A). Any other data sent is ignored in Quick SPI mode.
CHG: the CHANGE pin mode (see Section 4.5 on page 17):
0 = “Data” mode. In this mode the “Change” pin is asserted to indicate unread data.
1 = “Touch” mode. In this mode the “Change” pin is asserted when a key is being touched
or is in detect.
CRC: enables or disables CRC; 0 = disable, 1 = enable. When this option is enabled, each data
exchange must have a CRC byte appended.
When report or setup data is being returned by the QT1111, a 1-byte checksum is returned. The
host should confirm that this checksum is correct and, if not, should request the report again.
Table 7-3.
Guard Key/Comms Options
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1
GUARD_KEY
GD_EN
SPI_EN
CHG
CRC
Table 7-4.
Status Information Bytes
Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
Counter
1
Key 3 status
Key 2 status
Key 1 status
Key 0 status
2
Key 7 status
Key 6 status
Key 5 status
Key 4 status
3
Reserved
Key 10 status
Key 9 status
Key 8 status
4
Key 3 error
Key 2 error
Key 1 error
Key 0 error
5
Key 7 error
Key 6 error
Key 5 error
Key 4 error
6
Reserved
Key 10 error
Key 9 error
Key 8 error


Similar Part No. - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results

Similar Description - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
4 KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
QTouch??4-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com