Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1111-MU Datasheet(PDF) 31 Page - ATMEL Corporation

Part # AT42QT1111-MU
Description  QTouch 11-key Sensor IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-MU Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button AT42QT1111-MU Datasheet HTML 27Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 28Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 29Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 30Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 31Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 32Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 33Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 34Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
31
9571A–AT42–02/10
AT42QT1111-MU/AT42QT1111-AU
Where data is being sent by the host, a 1-byte CRC should be sent. The QT1111 returns the
expected CRC byte in the same transaction the CRC byte is sent. In this way, the host can
immediately determine whether the setup data bytes were received correctly.
Default GUARD_KEY value:
0 (Key 0)
Default GD_EN value:
0 (disabled)
Default CHG value:
0 (data mode)
Default CRC value:
0 (disabled)
7.6
Address 2: Detect Integrator Limit (DIL)/Drift Hold Time (DHT)
DIL: the detection integrator (DI) limit. To suppress false detections caused by spurious events
like electrical noise, the device incorporates a DI counter mechanism. A per-key counter is
incremented each time the channel has exceeded its threshold and stayed there for a number of
acquisitions in succession, without going below the threshold level. When this counter reaches a
preset limit the channel is finally declared to be touched. If on any acquisition the delta is not
seen to exceed the threshold level, the counter is cleared and the process has to start from the
beginning.
Note:
A setting of 0 for DI is invalid; the valid range is 1 to 15.
DHT: the drift hold time. After a key-touch has been removed, the QT1111 pauses in the
implementation of its “Drift” compensation for a time. After this time has expired, drift
compensation continues as normal. The “Drift Hold Time” is a multiple of 160 ms, providing
options from 0 to 2400 ms.
Default DIL value:
3
Default DHT value:
8 (1280 ms)
7.7
Address 3: Positive Threshold (PTHR)/Positive Hysteresis (PHYST)
PTHR: the positive threshold for the signal. If a key signal is significantly higher than the
reference signal, this typically indicates that the calibration data is no longer valid. In other
words, some factor has changed since the calibration was carried out, thus rendering it invalid.
Generally this is compensated for by the drift, but the greater the difference the longer this will
take. In order to speed up this correction, the positive threshold is used: if the positive threshold
is exceeded, the QT1111 (that is, all keys) is recalibrated.
Table 7-5.
Detect Integrator/Drift Hold Time
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
2DIL
DHT
Table 7-6.
Positive Threshold (THR)/Positive Hystereis (HYST)
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
3
PTHR
PHYST


Similar Part No. - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results

Similar Description - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
4 KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
QTouch??4-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com