Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1111-MU Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT42QT1111-MU
Description  QTouch 11-key Sensor IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-MU Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT42QT1111-MU Datasheet HTML 28Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 29Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 30Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 31Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 32Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 33Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 34Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 35Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
32
9571A–AT42–02/10
AT42QT1111-MU/AT42QT1111-AU
PHYST: positive hysteresis. This setting provides a greater degree of control over the
implementation of the positive threshold recalibration. The positive hysteresis operates as a
“modifier” for the positive threshold. When a key signal is detected as being over the positive
threshold, the positive threshold is reduced by a factor corresponding to the positive hysteresis
so that the key will not go in and out of positive detection when the signal is on the borderline
between drift-compensation of a positive error or recalibration.
The settings for positive hysteresis are:
00 = No change to positive threshold
01 = 12.5 percent reduction in positive-detect threshold
10 = 25% reduction in positive-detect threshold
11 = 37.5% reduction in positive-detect threshold
Default PTHR value:
4 (4 counts above reference)
Default PHYST value:
2 (25% positive hysteresis)
7.8
Address 4: Positive Drift Compensation (PDRIFT)
When changing ambient conditions cause a change in the key signal, the QT1111 will
compensate through its drift functions. “Positive Drift” refers to the case where the signal for a
key is greater than the reference.
Drift compensation occurs at a rate of 1 count per drift compensation period.
PDRIFT: the drift compensation period, in multiples of 160 ms. The valid range is 0 to 127,
where 0 disables positive drift compensation.
Note:
Drift compensation timing is paused while Drift Hold is activated, and continued when
Drift Hold has timed out.
Default value:
6 (960 ms)
7.9
Address 5: Positive Recalibration Delay (PRD)
If a key signal is determined to be above the positive threshold, the QT1111 will wait for this
delay and confirm that the error condition is still present before initiating a recalibration.
PRD: the positive recalibration delay, in multiples of 160 ms.
Note:
All keys are recalibrated in the case of a positive recalibration.
Default value:
6 (960 ms)
Table 7-7.
Positive Drift Compensation
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
40
PDRIFT
Table 7-8.
Positive Recalibration Delay
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
5PRD


Similar Part No. - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
More results

Similar Description - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
   QTouch??11-key Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com