Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1111-MU Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT42QT1111-MU
Description  QTouch 11-key Sensor IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-MU Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT42QT1111-MU Datasheet HTML 29Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 30Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 31Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 32Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 33Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 34Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 35Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 36Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
33
9571A–AT42–02/10
AT42QT1111-MU/AT42QT1111-AU
7.10
Address 6: Lower Burst Limit (LBL)
Normal QTouch signals are in the range of 100 to 1000 counts for each key. The lower burst
limit determines the minimum signal that is considered as a valid acquisition. If the count is lower
than the lower burst limit, it is considered not to be valid and the key is set to an Error state.
Note:
Where a key has a signal of less than the LBL, a detection is not reported on that key.
Default value:
18
7.11
Addresses 7–8: AKS Mask
AKS_n (AKS Mask): 0 = key n AKS disabled, 1 = key n AKS enabled (where n is 0–10).
These bits control which keys have AKS enabled (see Section 3 on page 8). A “1” means the
corresponding key has AKS enabled; a “0” means that the corresponding key has AKS disabled.
Default AKS mask:
0x07 and 0xFF (all keys have AKS enabled)
7.12
Addresses 9–15: Detect0 – Detect6 PWM
Each of the 7 detect pins can be configured to output a PWM signal to indicate whether the key
is touched (in detect) or not touched (out of detect).
The Detect outputs must be enabled by selecting 7-key mode in the “Device Mode” setting (see
Section 7.4 on page 29), and the corresponding “Key to LED” bits must be set to enable the
individual “Detect” outputs for each key (see Section 7.14 on page 35).
IN_DETECTn: PWM to output when key n is “In Detect” (where n is 0–7).
Table 7-9.
Lower Burst Limit
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
6LBL
Table 7-10.
AKS Mask
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
7
AKS_10
AKS_9
AKS_8
8
AKS_7
AKS_6
AKS_5
AKS_4
AKS_3
AKS_2
AKS_1
AKS_0
Table 7-11.
Detect0 – Detect6 PWM
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
9
IN_DETECT0
OUT_DETECT0
10
IN_DETECT1
OUT_DETECT1
11
IN_DETECT2
OUT_DETECT2
12
IN_DETECT3
OUT_DETECT3
13
IN_DETECT4
OUT_DETECT4
14
IN_DETECT5
OUT_DETECT5
15
IN_DETECT6
OUT_DETECT6


Similar Part No. - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results

Similar Description - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
4 KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
QTouch??4-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com