Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1111-MU Datasheet(PDF) 38 Page - ATMEL Corporation

Part # AT42QT1111-MU
Description  QTouch 11-key Sensor IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-MU Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button AT42QT1111-MU Datasheet HTML 34Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 35Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 36Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 37Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 38Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 39Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 40Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 41Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
38
9571A–AT42–02/10
AT42QT1111-MU/AT42QT1111-AU
8.
Specifications
8.1
Absolute Maximum Specifications
8.2
Recommended Operating Conditions
8.3
DC Specifications
8.4
Timing Specifications
Vdd
-0.5 to +6V
Max continuous pin current, any control or drive pin
±10 mA
Voltage forced onto any pin
-1.0V to (Vdd + 0.5) Volts
EEPROM setups maximum writes
100,000 write cycles
CAUTION: Stresses beyond those listed under Absolute Maximum Specifications may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or other conditions beyond those indicated
in the operational sections of this specification is not implied. Exposure to absolute maximum specification conditions for
extended periods may affect device reliability
Operating temperature
-40°C to +°C
Storage temperature
-65°C to +150°C
Vdd
1.8V to 5.5V
Supply ripple + noise
±20 mV
Cx transverse load capacitance per key
2 to 20 pF
Vdd = 5.0V, Cs = 4.7 nF, Rs = 1 M
, Ta = recommended range, unless otherwise noted
Parameter
Description
Min
Typ
Max
Units
Notes
Iddr
Average supply current, running
12 at 5V
8 at 3V
mA
For typical values
seeSection 8.8
Vil
Low input logic level
-0.5V
0.3 Vdd
V
Vih
High input logic level
0.6 Vdd
Vdd
Vdd + 0.5V
V
Vol
Low output voltage
0
0.7
V
10 mA sink current
Voh
High output voltage
0.8 Vdd
Vdd
V
10 mA source current
Iil
Input leakage current
<0.05
1
µA
Rrst
Internal RST pull-up resistor
30
60
k
Parameter
Description
Min
Typ
Max
Units
Notes
TBS
Burst duration
6
ms
4.7 nF Cs/parallel acquisition
Fc
Burst center frequency
40
kHz
Fm
Burst modulation, percentage
18
%
TPW
Pulse width
9000
µs


Similar Part No. - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results

Similar Description - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
4 KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
QTouch??4-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com