Electronic Components Datasheet Search |
|
AT42QT1111-MU Datasheet(PDF) 43 Page - ATMEL Corporation |
|
AT42QT1111-MU Datasheet(HTML) 43 Page - ATMEL Corporation |
43 / 50 page 43 9571A–AT42–02/10 AT42QT1111-MU/AT42QT1111-AU 8.9.2 AT42QT1111-AU – 32-pin 7 x 7 mm TQFP 2325 Orchard Parkway San Jose, CA 95131 TITLE DRAWING NO. R REV. 32A, 32-lead, 7 x 7 mm Body Size, 1.0 mm Body Thickness, 0.8 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP) B 32A 10/5/2001 PIN 1 IDENTIFIER 0˚~7˚ PIN 1 L C A1 A2 A D1 D e E1 E B Notes: 1. This package conforms to JEDEC reference MS-026, Variation ABA. 2. Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is 0.25 mm per side. Dimensions D1 and E1 are maximum plastic body size dimensions including mold mismatch. 3. Lead coplanarity is 0.10 mm maximum. A – – 1.20 A1 0.05 – 0.15 A2 0.95 1.00 1.05 D 8.75 9.00 9.25 D1 6.90 7.00 7.10 Note 2 E 8.75 9.00 9.25 E1 6.90 7.00 7.10 Note 2 B 0.30 – 0.45 C 0.09 – 0.20 L 0.45 – 0.75 e 0.80 TYP COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL MIN NOM MAX NOTE |
Similar Part No. - AT42QT1111-MU |
|
Similar Description - AT42QT1111-MU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |