Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430P325 Datasheet(PDF) 2 Page - Texas Instruments

Part # MSP430P325
Description  MIXED SIGNAL MICROCONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430P325 Datasheet(HTML) 2 Page - Texas Instruments

  MSP430P325_10 Datasheet HTML 1Page - Texas Instruments MSP430P325_10 Datasheet HTML 2Page - Texas Instruments MSP430P325_10 Datasheet HTML 3Page - Texas Instruments MSP430P325_10 Datasheet HTML 4Page - Texas Instruments MSP430P325_10 Datasheet HTML 5Page - Texas Instruments MSP430P325_10 Datasheet HTML 6Page - Texas Instruments MSP430P325_10 Datasheet HTML 7Page - Texas Instruments MSP430P325_10 Datasheet HTML 8Page - Texas Instruments MSP430P325_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
MSP430P325
MIXED SIGNAL MICROCONTROLLER
SLAS164A – FEBRUARY 1998 – REVISED MARCH 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Typical applications include sensor systems that capture analog signals, convert them to digital values, and then
process the data and display them or transmit them to a host system. The MSP430x32x offers an integrated
12+2 bit A/D converter with six multiplexed inputs.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
PLASTIC
64-PIN QFP
(PG)
PLASTIC
64-PIN QFP
(PM)
PLASTIC
68-PIN PLCC
(FN)
CERAMIC
68-PIN JLCC
(FZ)
40
°Cto85°C
MSP430P325IPG
MSP430P325IPM
MSP430P325IFN
– 40
°C to 85°C
MSP430P325IPG
MSP430P325IPM
MSP430P325IFN
25
°C
PMS430E325FZ
25
°C
PMS430E325FZ
functional block diagram
Oscillator
FLL
System Clock
ACLK
MCLK
8/16 kB ROM
16 kB OTP
’C’: ROM
256/512 B
RAM
Power-on-
Reset
8 b Timer/
Counter
Serial Protocol
I/O Port
8 I/O’s, All With
Interr. Cap.
3 Int. Vectors
CPU
Incl. 16 Reg.
Test
JTAG
Bus
Conv
Timer/Port
Applications:
Timer, O/P
Basic
LCD
84 Segments
1, 2, 3, 4 MUX
Timer1
ADC
12 + 2 Bit
6 Channels
MAB, 16 Bit
MDB, 16 Bit
MAB, 4 Bit
MDB, 8 Bit
MCB
6
LCD
f
CMPI
TP0.0–5
CIN
XIN Xout/TCLK
XBUF
P0.0
P0.7
Com0–3
S0–19/O2–19
S20/O20CMPI
R33
R13
TDI/VPP
TDO/TDI
TMS
TCK
TXD
’P’: OTP
A/D Conv.
Support
RXD
Watchdog
Timer
15/16 Bit
Current S.
6
A0–5
Rext
SVCC
RST/NMI
R23
R03


Similar Part No. - MSP430P325_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430P325 TI1-MSP430P325_14 Datasheet
531Kb / 38P
MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430P325_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com