Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8M64 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LM8M64
Description  Color STN LCD Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM8M64 Datasheet(HTML) 6 Page - Sharp Corporation

  LM8M64 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 1 page
background image
SPEC No.
LC9
LC9
LC9
LC98109A
8109A
8109A
8109A
MODEL No.
LM
LM
LM
LM8M64
8M64
8M64
8M64
PAGE
2222
1.
Operator
Electrostatic shielding clothes shall be had because it is feared that the static electricity is electrified to
human body in case that operator have a insulating garment.
2.
Equipment
There is a possibility that the static electricity is charged to equipment which have a function of peeling
or mechanism of friction(EX: Conveyer, soldering iron, working table), so the countermeasure
countermeasure(electrostaticearth:1×108Ω) should be made.
3.
Floor
Floor is a important part to leak static electricity which is generated from human body or equipment.
There is a possibility that the static electricity is charged to them without leakage in case of insulating
floor, so the countermeasure(electrostatic earth:1×108Ω) should be made.
4.
Humidity
Humidity of working room may lower electrostatics generating material’s resistance and have something
to prevent electrifying. So, humidity should be kept over 50% because humidity less than 50 % may
increase material’s electrostatic earth resistance and it become easy to electrify.
5.
Transportation/storage
The measure should be made for storage materials because there is a possibility that the static electricity,
which electrify to human body or storage materials like container by friction or peeling, cause the
dielectric charge.
6.
Others
The laminator is attached on the surface of LCD module to prevent from scratches, fouling and dust.
It should be peeled off unhurriedly with using static eliminator.
And also, static eliminator should be installed to prevent LCD module from electrifying at assembling
line.
8) Don’t use any materials which emit gas from epoxy resin(amines’ hardener) and silicon adhesive
agent(dealcohol or deoxym) to prevent change polorizer color owing to gas.
9) Since leakage current, which may be caused by routing of CCFT cables, etc., may affect the brightness of
display, the inverter has to be designed taking the leakage current into consideration. Thorough evaluation of
the LCD module/inverter built into its host equipment shall be conducted, therefore, to ensure the specified
brightness.
10) Avoid to expose the module to the direct sun-light, strong ultraviolet light, etc. for a long time.
11) If stored at temperatures under specified storage temperature, the LC may freeze and be deteriorated.
If storage temperature exceed the specified rating, the molecular orientation of the LC may change to that of
a liquid, and they may not revert to their original state. Therefore, the module should be always stored at
normal room temperature.
12) Disassembling the LCD module can cause permanent damage and should be strictly avoided.



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com