Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM8148_1109 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320DM8148_1109
Description  TMS320DM814x DaVinci Digital Media Processors
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8148_1109 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320DM8148_1109 Datasheet HTML 1Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 2Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 3Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 4Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 5Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 6Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 7Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 8Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
www.ti.com
One 8-bit Only Input
– Configurable as Root Complex or Endpoint
– Two 165 MHz HD Video Display Outputs
• Eight 32-bit General-Purpose Timers (Timer1–8)
One 16/24/30-bit and one 16/24-bit Output
• One System Watchdog Timer (WDT 0)
– Composite or S-Video Analog Output
• Six Configurable UART/IrDA/CIR Modules
– MacroVision® Support Available
– UART0 With Modem Control Signals
– Digital HDMI 1.3 transmitter With Integrated
– Supports up to 3.6864 Mbps UART0/1/2
PHY
– Supports up to 12 Mbps UART3/4/5
– Advanced Video Processing Features Such
– SIR, MIR, FIR (4.0 MBAUD), and CIR
as Scan/Format/Rate Conversion
• Four Serial Peripheral Interfaces (SPIs) [up to
– Three Graphics Layers and Compositors
48-MHz]
• Dual 32-bit LPDDR/DDR2/DDR3 SDRAM
– Each With Four Chip-Selects
Interfaces
• Three MMC/SD/SDIO Serial Interfaces [up to
– Supports up to LPDDR-400, DDR2-800, and
48-MHz]
DDR3-800
– Three Supporting up to 1-/4-/8-Bit Modes
– Up to Eight x 8 Devices Total 2 GB Total
• Dual Controller Area Network (DCAN) Modules
Address Space
– CAN Version 2 Part A, B
– Dynamic Memory Manager (DMM)
• Four Inter-Integrated Circuit (I2C Bus™) Ports
Programmable Multi-Zone Memory
• Six Multi-Channel Audio Serial Ports (McASP)
Mapping and Interleaving
– Dual Ten Serializer Transmit/Receive Ports
Enables Efficient 2D Block Accesses
– Quad Four Serializer Transmit/Receive Ports
Supports Tiled Objects in 0
°, 90°, 180°, or
– DIT-Capable For S/PDIF (All Ports)
270
° Orientation and Mirroring
• Multi-Channel Buffered Serial Port (McBSP)
Optimizes Interlaced Accesses
– Transmit/Receive Clocks up to 48 MHz
• General Purpose Memory Controller (GPMC)
– Two Clock Zones and Two Serial Data Pins
– 8-/16-bit Multiplexed Address/Data Bus
– Supports TDM, I2S, and Similar Formats
– 512M-Byte Total Address Space Divided
• Serial ATA (SATA) 3.0 Gbps Controller With
Among up to 8 Chip Selects
Integrated PHY
– Glueless Interface to NOR Flash, NAND
– Direct Interface to One Hard Disk Drive
Flash (BCH/Hamming Error Code Detection),
– Hardware-Assisted Native Command
SRAM and Pseudo-SRAM
Queuing (NCQ) from up to 32 Entries
– Error Locator Module (ELM) Outside of
– Supports Port Multiplier and
GPMC to Provide Upto 16-Bit/512-Bytes
Command-Based Switching
Hardware ECC for NAND
• Real-Time Clock (RTC)
– Flexible Asynchronous Protocol Control for
Interface to FPGA, CPLD, ASICs, etc.
– One-Time or Periodic Interrupt Generation
• Enhanced Direct-Memory-Access (EDMA)
• Up to 128 General-Purpose I/O (GPIO) Pins
Controller
• One Spin Lock Module with up to 128 Hardware
– Four Transfer Controllers
Semaphores
– 64/8 Independent DMA/QDMA Channels
• One Mailbox Module with 12 Mailboxes
• Dual Port Ethernet (10/100/1000 Mb/s) With
• On-Chip ARM ROM Bootloader (RBL)
Optional Switch
• Power, Reset, and Clock Management
– IEEE 802.3 Compliant (3.3V I/O Only)
– SmartReflex™ Technology (Level 2b)
– MII/RMII/GMII/RGMII Media Independent I/Fs
– Multiple Independent Core Power Domains
– Management Data I/O (MDIO) Module
– Multiple Independent Core Voltage Domains
– Reset Isolation
– Support for Three Operating Points
– IEEE-1588 Time-Stamping and Industrial
(OPP120/100/50) per Voltage Domain
Ethernet Protocols
– Clock Enable/Disable Control for
• Dual USB 2.0 Ports With Integrated PHYs
Subsystems and Peripherals
– USB2.0 High-/Full-Speed Clients
• 32KB Embedded Trace Buffer™ (ETB™) and
5-pin Trace Interface for Debug
– USB2.0 High-/Full-/Low-Speed Hosts, or OTG
• IEEE-1149.1 (JTAG) Compatible
– Supports End Points 0-15
• 684-Pin Pb-Free BGA Package (CYE Suffix),
• One PCI Express 2.0 Port With Integrated PHY
0.8-mm Ball Pitch With Via Channel
– Single Port With 1 Lane at 5.0 GT/s
Technology to Reduce PCB Cost
2
High-Performance System-on-Chip (SoC)
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146


Similar Part No. - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
DaVinci Video Processors
More results

Similar Description - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
TMS320DM816x DaVinci Digital Media Processors
MARCH2011
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
Digital Media Processors
JULY2011
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
TMS320DM814x DaVinci?줧ideo Processors
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
Digital Media Processors
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
DaVinci Digital Media Processors
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
DaVinci Digital Media Processor
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
Digital Media Processors
DM383 TI1-DM383 Datasheet
2Mb / 267P
DaVinci Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com