Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM8148_1109 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMS320DM8148_1109
Description  TMS320DM814x DaVinci Digital Media Processors
Download  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8148_1109 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMS320DM8148_1109 Datasheet HTML 22Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 23Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 24Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 25Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 26Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 27Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 28Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 29Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
www.ti.com
2.12.3 L4 Memory Map
The L4 Fast Peripheral Domain, L4 Slow Peripheral Domain regions of the memory maps above are
broken out into Table 2-5 and Table 2-6.
For more details on the interconnect topology and connectivity across the L3 and L4 interconnects, see
Section 5, System Interconnect.
2.12.3.1 L4 Fast Peripheral Memory Map
Table 2-5. L4 Fast Peripheral Memory Map
Cortex-A8 and L3 Masters
C674x DSP
START
START
SIZE
DEVICE NAME
END ADDRESS
END ADDRESS
ADDRESS
ADDRESS
(HEX)
(HEX)
(HEX)
(HEX)
0x4A00_0000
0x4A00_07FF
0x0A00_0000
0x0A00_07FF
2KB
L4 Fast Configuration - Address/Protection
(AP)
0x4A00_0800
0x4A00_0FFF
0x0A00_0800
0x0A00_0FFF
2KB
L4 Fast Configuration - Link Agent (LA)
0x4A00_1000
0x4A00_13FF
0x0A00_1000
0x0A00_13FF
1KB
L4 Fast Configuration - Initiator Port (IP0)
0x4A00_1400
0x4A00_17FF
0x0A00_1400
0x0A00_17FF
1KB
L4 Fast Configuration - Initiator Port (IP1)
0x4A00_1800
0x4A00_1FFF
0x0A00_1800
0x0A00_1FFF
2KB
Reserved
0x4A00_2000
0x4A07_FFFF
0x0A00_2000
0x0A07_FFFF
504KB
Reserved
0x4A08_0000
0x4A0F_FFFF
0x0A08_0000
0x0A0F_FFFF
512KB
Reserved
0x4A10_0000
0x4A10_7FFF
0x0A10_0000
0x0A10_7FFF
32KB
EMAC SW Peripheral Registers
0x4A10_8000
0x4A10_8FFF
0x0A10_8000
0x0A10_8FFF
4KB
EMAC SW Support Registers
0x4A14_0000
0x4A14_FFFF
64KB
SATA Peripheral Registers
0x4A15_0000
0x4A15_0FFF
4KB
SATA Support Registers
0x4A15_1000
0x4A17_FFFF
0x0A15_1000
0x0A17_FFFF
188KB
Reserved
0x4A18_0000
0x4A1A_1FFF
0x0A18_0000
0x0A1A_1FFF
136KB
Reserved
0x4A1A_2000
0x4A1A_3FFF
0x0A1A_2000
0x0A1A_3FFF
8KB
McASP3 Configuration Peripheral Registers
0x4A1A_4000
0x4A1A_4FFF
0x0A1A_4000
0x0A1A_4FFF
4KB
McASP3 Configuration Support Registers
0x4A1A_5000
0x4A1A_5FFF
0x0A1A_5000
0x0A1A_5FFF
4KB
McASP3 Data Peripheral Registers
0x4A1A_6000
0x4A1A_6FFF
0x0A1A_6000
0x0A1A_6FFF
4KB
McASP3 Data Support Registers
0x4A1A7000
0x4A1A7FFF
0x0A1A_7000
0x0A1A_7FFF
4KB
Reserved
0x4A1A_8000
0x4A1A_9FFF
0x0A1A_8000
0x0A1A_9FFF
8KB
McASP4 Configuration Peripheral Registers
0x4A1A_A000
0x4A1A_AFFF
0x0A1A_A000
0x0A1A_AFFF
4KB
McASP4 Configuration Support Registers
0x4A1A_B000
0x4A1A_BFFF
0x0A1A_B000
0x0A1A_BFFF
4KB
McASP4 Data Peripheral Registers
0x4A1A_C000
0x4A1A_CFFF
0x0A1A_C000
0x0A1A_CFFF
4KB
McASP4 Data Support Registers
0x4A1A_D000
0x4A1A_DFFF
0x0A1A_D000
0x0A1A_DFFF
4KB
Reserved
0x4A1A_E000
0x4A1A_FFFF
0x0A1A_E000
0x0A1A_FFFF
8KB
McASP5 Configuration Peripheral Registers
0x4A1B_0000
0x4A1B_0FFF
0x0A1B_0000
0x0A1B_0FFF
4KB
McASP5 Configuration Support Registers
0x4A1B_1000
0x4A1B_1FFF
0x0A1B_1000
0x0A1B_1FFF
4KB
McASP5 Data Peripheral Registers
0x4A1B_2000
0x4A1B_2FFF
0x0A1B_2000
0x0A1B_2FFF
4KB
McASP5 Data Support Registers
0x4A1B_3000
0x4A1B_5FFF
0x0A1B_3000
0x0A1B_5FFF
12KB
Reserved
0x4A1B_6000
0x4A1B_6FFF
0x0A1B_6000
0x0A1B_6FFF
4KB
Reserved
0x4A1B_4000
0x4AFF_FFFF
0x0A1B_4000
0x0AFF_FFFF
14632KB
Reserved
26
Device Overview
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146


Similar Part No. - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
DaVinci Video Processors
More results

Similar Description - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
TMS320DM816x DaVinci Digital Media Processors
MARCH2011
DM383 TI1-DM383 Datasheet
2Mb / 267P
DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
DaVinci Digital Media Processor
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
Digital Media Processors
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
Digital Media Processors
JULY2011
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
Digital Media Processors
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
Digital Media Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com