Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM8148_1109 Datasheet(PDF) 71 Page - Texas Instruments

Part # TMS320DM8148_1109
Description  TMS320DM814x DaVinci Digital Media Processors
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8148_1109 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320DM8148_1109 Datasheet HTML 67Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 68Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 69Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 70Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 71Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 72Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 73Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 74Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
www.ti.com
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
Table 3-10. GP0 Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
MCA[2], SD0,
MCA[2]_AXR[1]/
UART5
SD0_DAT[7]/
IPU
V6
I/O
PINCNTL42
UART5_TXD/
DVDD
DSIS: PIN
GP0[13]
MM: MUX1
VIN[0]A,
General-Purpose Input/Output (I/O) 0 [GP0] pin 13.
VIN[0]A_D[19]/
CAMERA_I/F,
CAM_D[11]/
EMAC[1]_RM,
IPU
EMAC[1]_RMRXD[0]/
AF21
I/O
I2C[3]
DVDD_C
I2C[3]_SDA/
PINCNTL159
GP0[13]
DSIS: PIN
MM: MUX0
MCA[2], SD0,
MCA[2]_AXR[0]/
UART5
SD0_DAT[6]/
IPU
N2
I/O
PINCNTL41
UART5_RXD/
DVDD
DSIS: PIN
GP0[12]
MM: MUX1
VIN[0]A,
General-Purpose Input/Output (I/O) 0 [GP0] pin 12.
VIN[0]A_D[18]/
CAMERA_I/F,
CAM_D[10]/
EMAC[1]_RM,
IPU
EMAC[1]_RMRXD[1]/
AF20
I/O
I2C[3]
DVDD_C
I2C[3]_SCL/
PINCNTL158
GP0[12]
DSIS: PIN
MM: MUX0
MCA[2]
MCA[2]_AFSX/
IPU
PINCNTL40
AA5
I/O
GP0[11]
DVDD
DSIS: PIN
MM: MUX1
VIN[0]A,
General-Purpose Input/Output (I/O) 0 [GP0] pin 11.
VIN[0]A_D[17]/
CAMERA_I/F,
CAM_D[9]/
IPD
EMAC[1]_RM
AB21
I/O
EMAC[1]_RMRXER/
DVDD_C
PINCNTL157
GP0[11]
DSIS: PIN
MM: MUX0
MCA[2]
MCA[2]_ACLKX/
IPU
PINCNTL39
U6
I/O
GP0[10]
DVDD
DSIS: PIN
MM: MUX1
VIN[0]A,
General-Purpose Input/Output (I/O) 0 [GP0] pin 10.
VIN[0]A_D[16]/
CAMERA_I/F,
CAM_D[8]/
IPU
I2C[2]
AA21
I/O
I2C[2]_SCL/
DVDD_C
PINCNTL156
GP0[10]
DSIS: PIN
MM: MUX0
AUD_CLKIN2/
AUD_CLKIN2,
MCA[0]_AXR[9]/
MCA[0], MCA[2],
MCA[2]_AHCLKX/
IPD
MCA[5], EDMA,
MCA[5]_AHCLKX/
H1
I/O
General-Purpose Input/Output (I/O) 0 [GP0] pin 9.
DVDD
TIMER3
EDMA_EVT2/
PINCNTL16
TIM3_IO/
DSIS: PIN
GP0[9]
AUD_CLKIN1/
AUD_CLKIN1,
MCA[0]_AXR[8]/
MCA[0], MCA[1],
MCA[1]_AHCLKX/
IPD
MCA[4], EDMA,
MCA[4]_AHCLKX/
R5
I/O
General-Purpose Input/Output (I/O) 0 [GP0] pin 8.
DVDD
TIMER2
EDMA_EVT3/
PINCNTL15
TIM2_IO/
DSIS: PIN
GP0[8]
USB0
USB0_DRVVBUS/
IPD
AF11
I/O
PINCNTL270
General-Purpose Input/Output (I/O) 0 [GP0] pin 7.
GP0[7]
DVDD
DSIS: PIN
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
71
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146


Similar Part No. - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
DaVinci Video Processors
More results

Similar Description - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
TMS320DM816x DaVinci Digital Media Processors
MARCH2011
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
Digital Media Processors
JULY2011
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
TMS320DM814x DaVinci?줧ideo Processors
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
Digital Media Processors
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
DaVinci Digital Media Processors
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
DaVinci Digital Media Processor
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
Digital Media Processors
DM383 TI1-DM383 Datasheet
2Mb / 267P
DaVinci Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com