Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM8148_1109 Datasheet(PDF) 79 Page - Texas Instruments

Part # TMS320DM8148_1109
Description  TMS320DM814x DaVinci Digital Media Processors
Download  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8148_1109 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TMS320DM8148_1109 Datasheet HTML 75Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 76Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 77Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 78Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 79Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 80Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 81Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 82Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
www.ti.com
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
Table 3-12. GP2 Terminal Functions (continued)
SIGNAL
OTHER(2)
TYPE(1)
MUXED
DESCRIPTION
(3)
NAME
NO.
VIN[0]A_VSYNC/
VIN[0]A, UART5
IPU
UART5_CTS/
AD20
I/O
PINCNTL139
General-Purpose Input/Output (I/O) 2 [GP2] pin 4.
DVDD
GP2[4]
DSIS: PIN
VIN[0]A_HSYNC/
VIN[0]A, UART5
IPU
UART5_RTS/
AC20
I/O
PINCNTL138
General-Purpose Input/Output (I/O) 2 [GP2] pin 3.
DVDD
GP2[3]
DSIS: PIN
VIN[0]A
VIN[0]A_CLK/
IPD
PINCNTL137
AB20
I/O
GP2[2]
DVDD
DSIS: PIN
MM: MUX1
VOUT[0],
General-Purpose Input/Output (I/O) 2 [GP2] pin 2.
VOUT[0]_FLD/
CAMERA_I/F,
CAM_PCLK/
IPD
GPMC, UART2
GPMC_A[12]/
AF18
I/O
DVDD_C
PINCNTL175
UART2_RTS/
DSIS: PIN
GP2[2]
MM: MUX0
VIN[0]A_FLD/
VIN[0]A, VIN[0]B,
VIN[0]B_VSYNC/
IPU
UART5, I2C[2]
UART5_RXD/
AA20
I/O
General-Purpose Input/Output (I/O) 2 [GP2] pin 1.
DVDD
PINCNTL136
I2C[2]_SCL/
DSIS: PIN
GP2[1]
VIN[0]A_DE/
VIN[0]A, VIN[0]B,
VIN[0]B_HSYNC/
IPU
UART5, I2C[2]
UART5_TXD/
AE21
I/O
General-Purpose Input/Output (I/O) 2 [GP2] pin 0.
DVDD
PINCNTL135
I2C[2]_SDA/
DSIS: PIN
GP2[0]
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
79
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146


Similar Part No. - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
DaVinci Video Processors
More results

Similar Description - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
TMS320DM816x DaVinci Digital Media Processors
MARCH2011
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
Digital Media Processors
JULY2011
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
TMS320DM814x DaVinci?줧ideo Processors
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
Digital Media Processors
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
DaVinci Digital Media Processors
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
DaVinci Digital Media Processor
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
Digital Media Processors
DM383 TI1-DM383 Datasheet
2Mb / 267P
DaVinci Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com