Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM8148_1109 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320DM8148_1109
Description  TMS320DM814x DaVinci Digital Media Processors
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8148_1109 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320DM8148_1109 Datasheet HTML 1Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 2Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 3Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 4Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 5Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 6Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 7Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 8Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
www.ti.com
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
TMS320DM814x DaVinci
Digital Media Processors
Check for Samples: TMS320DM8148, TMS320DM8147, TMS320DM8146
1
High-Performance System-on-Chip (SoC)
1.1
Features
12
– 32K-Byte L1P RAM/Cache With EDC
• High-Performance DaVinci™ Digital Media
Processors
– 32K-Byte L1D RAM/Cache
– Up to 1-GHz ARM® Cortex™-A8 RISC MPU
– 256K-Byte L2 Unified Mapped RAM/Caches
With ECC
– Up to 750-MHz C674x™ VLIW DSP
• DSP/EDMA Memory Management Unit
– Up to 6000/4500 C674x™ MIPS/MFLOPS
(DEMMU)
– Fully Software-Compatible with C67x+™,
– Maps C674x DSP and EDMA TC Memory
C64x+
Accesses to System Addresses
• ARM® Cortex™-A8 Core
• 128K-Bytes On-Chip Memory Controller
– ARMv7 Architecture
(OCMC) RAM
In-Order, Dual-Issue, Superscalar
• Imaging Subsystem (ISS)
Microprocessor Core
– Camera Sensor Connection
NEON
™ Multimedia Architecture
Parallel Connection for Raw (up to 16-Bit)
Supports Integer and Floating Point
and BT.656/BT.1120 (8-/16-bit)
Jazelle
® RCT Execution Environment
– Image Sensor Interface (ISIF) for Handling
• ARM® Cortex™-A8 Memory Architecture
Image/Video Data From the Camera Sensor
– 32K-Byte Instruction and Data Caches
– Resizer
– 512K-Byte L2 Cache
Resizing Image/Video From 1/16x to 8x
– 64K-Byte RAM, 48K-Byte Boot ROM
Generating Two Different Resizing
• TMS320C674x™ Floating-Point VLIW DSP
Outputs Concurrently
– 64 General-Purpose Registers (32-Bit)
• Programmable High-Definition Video Image
– Six ALU (32-/40-Bit) Functional Units
Coprocessing (HDVICP v2) Engine
Supports 32-Bit Integer, SP (IEEE Single
– Encode, Decode, Transcode Operations
Precision/32-Bit) and DP (IEEE Double
– H.264, MPEG2, VC1, MPEG4, SP/ASP,
Precision/64-Bit) Floating Point
JPEG/MJPEG
Supports up to Four SP Adds Per Clock
• Media Controller
and Four DP Adds Every Two Clocks
– Controls the HDVPSS, HDVICP2, and ISS
Supports up to Two Floating-Point (SP or
• SGX530 3D Graphics Engine
DP) Approximate Reciprocal or Square
– Delivers up to 18 MPoly/sec
Root Operations Per Cycle
– Universal Scalable Shader Engine
– Two Multiply Functional Units
– Direct3D Mobile, OpenGLES 1.1 and 2.0,
Mixed-Precision IEEE Floating-Point
OpenVG 1.0, OpenMax API Support
Multiply Supported up to:
– Advanced Geometry DMA Driven Operation
– 2 SP x SP → SP Per Clock
– Programmable HQ Image Anti-Aliasing
– 2 SP x SP → DP Every Two Clocks
• Endianness
– 2 SP x DP → DP Every Three Clocks
– ARM/DSP Instructions/Data – Little Endian
– 2 DP x DP → DP Every Four Clocks
• HD Video Processing Subsystem (HDVPSS)
Fixed-Point Multiply Supports Two 32 x
– Two 165 MHz HD Video Capture Inputs
32 Multiplies, Four 16 x 16-bit Multiplies
including Complex Multiplies, or Eight 8 x
One 16/24-bit Input, Splittable into Dual
8-Bit Multiplies per Clock Cycle
8-bit SD Capture Ports
• C674x™ Two-Level Memory Architecture
One 8/16/24-bit Input
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the formative
Copyright
© 2011, Texas Instruments Incorporated
or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right
to change or discontinue these products without notice.


Similar Part No. - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
DaVinci Video Processors
More results

Similar Description - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
TMS320DM816x DaVinci Digital Media Processors
MARCH2011
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
Digital Media Processors
JULY2011
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
TMS320DM814x DaVinci?줧ideo Processors
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
Digital Media Processors
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
DaVinci Digital Media Processors
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
DaVinci Digital Media Processor
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
Digital Media Processors
DM383 TI1-DM383 Datasheet
2Mb / 267P
DaVinci Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com