Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT80-04J Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SBT80-04J
Description  40V, 8A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBT80-04J Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SBT80-04J_07 Datasheet HTML 1Page - Sanyo Semicon Device SBT80-04J_07 Datasheet HTML 2Page - Sanyo Semicon Device SBT80-04J_07 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBT80-04J
No.7788-2/3
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Interterminal Capacitance
C
VR=10V, Tj=25°C*
160
pF
Thermal Resistance
Rth(j-c)
Junction-Case : Smoothed DC
5.0
°C / W
Note) * : Value per element
Package Dimensions
Electrical Connection
unit : mm (typ)
7508-001
Anode
Anode
Cathode
10.0
3.2
4.5
2.8
1.6
1.2
0.7
0.75
2.55
2.55
12
3
1 : Anode
2 : Cathode
3 : Anode
SANYO : TO-220ML
0
1.0
10
0.4
1.6
1.2
0.8
5
7
2
3
5
7
2
3
5
7
2
3
3
2
0.01
0.1
Tj=150
°C
25°
C
IT08506
0
10
1.0
5
7
5
7
3
2
5
7
3
2
100
10
20
30
40
50
(3)
(1)
0
0
4
5
7
6
3
1
2
110
9
58
7
6
34
2
IT08508
(4)
(3)
(1)
0
0
1.5
2.0
3.0
2.5
1.0
0.5
40
50
30
20
10
(2)
(4)
(2)
IT08507
IT08509
Tj=150
°C
max
150
°C typ
125
°C
typ
100
°C
typ
IF -- VF
IR -- VR
PF(AV) -- IO
PR(AV) -- VRM
PR max at Tj=150°C
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
Peak Reverse Voltage, VRM -- V
Average Output Current, IO -- A
180
°
360
°
θ
360
°
180
°
360
°
VR
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
(1)Rectangular wave
θ=300°
(2)Rectangular wave
θ=240°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
Sine wave
Sine wave
Rectangular
wave
θ
360
°
VR
Rectangular
wave
Represented by max


Similar Part No. - SBT80-04J_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT80-04J SANYO-SBT80-04J Datasheet
38Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
More results

Similar Description - SBT80-04J_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT80-04GS SANYO-SBT80-04GS Datasheet
237Kb / 3P
40V, 8A Rectifier
logo
Diodes Incorporated
ZXGD3004E6Q DIODES-ZXGD3004E6Q Datasheet
601Kb / 8P
40V 8A GATE DRIVER IN SOT26
March 2018
logo
Sanyo Semicon Device
SBT80-04J SANYO-SBT80-04J Datasheet
38Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
SBT80-04Y SANYO-SBT80-04Y Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
logo
Rohm
RQ7G080AT ROHM-RQ7G080AT Datasheet
2Mb / 14P
Pch -40V -8A Small Signal Power MOSFET
logo
Sanyo Semicon Device
SB80-09J SANYO-SB80-09J Datasheet
82Kb / 3P
90V, 8A Rectifier
SB80-09 SANYO-SB80-09 Datasheet
71Kb / 3P
90V, 8A Rectifier
logo
Diodes Incorporated
DSR8U600 DIODES-DSR8U600 Datasheet
93Kb / 4P
8A DIODESTAR RECTIFIER
DS35011 Rev. 2 - 2
DSR8V600 DIODES-DSR8V600 Datasheet
92Kb / 4P
8A DIODESTAR RECTIFIER
DS35010 Rev. 2 - 2
logo
Sanyo Semicon Device
SB80W06T SANYO-SB80W06T Datasheet
263Kb / 3P
60V, 8A Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com