Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT80-04J Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # SBT80-04J
Description  40V, 8A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBT80-04J Datasheet(HTML) 3 Page - Sanyo Semicon Device

  SBT80-04J_07 Datasheet HTML 1Page - Sanyo Semicon Device SBT80-04J_07 Datasheet HTML 2Page - Sanyo Semicon Device SBT80-04J_07 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SBT80-04J
No.7788-3/3
PS
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellectual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
0.01
23
7
7
0.1
0
52
2
3
37 1.0
5
120
60
80
100
20
40
ID01009
Rth(j-c) -- t
Time, t -- s
IFSM -- t
Time, t -- s
IS
20ms
t
0.001
0.01
0.1
1.0
10
2
3
52
5
2
5
2 3
5 7
37
37
37
7
5
3
2
5
7
1.0
10
ID01010
Current waveform 50Hz sine wave
C -- VR
Reverse Voltage, VR -- V
1.0
2
1000
100
2
3
5
7
5
7
35
7
10
23
5
7
7
f=100kHz
ID01008
Tc -- IO
Average Output Current, IO -- A
(4)
(3)
0123
100
110
120
160
150
140
130
90
80
70
45
7
9
810
6
(2)
(1)
IT08510
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
θ
360
°
Rectangular
wave
180
°
360
°
Sine
wave
This catalog provides information as of November, 2007. Specifications and information herein are subject
to change without notice.


Similar Part No. - SBT80-04J_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT80-04J SANYO-SBT80-04J Datasheet
38Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
More results

Similar Description - SBT80-04J_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT80-04GS SANYO-SBT80-04GS Datasheet
237Kb / 3P
40V, 8A Rectifier
logo
Diodes Incorporated
ZXGD3004E6Q DIODES-ZXGD3004E6Q Datasheet
601Kb / 8P
40V 8A GATE DRIVER IN SOT26
March 2018
logo
Sanyo Semicon Device
SBT80-04J SANYO-SBT80-04J Datasheet
38Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
SBT80-04Y SANYO-SBT80-04Y Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
logo
Rohm
RQ7G080AT ROHM-RQ7G080AT Datasheet
2Mb / 14P
Pch -40V -8A Small Signal Power MOSFET
logo
Sanyo Semicon Device
SB80-09J SANYO-SB80-09J Datasheet
82Kb / 3P
90V, 8A Rectifier
SB80-09 SANYO-SB80-09 Datasheet
71Kb / 3P
90V, 8A Rectifier
logo
Diodes Incorporated
DSR8U600 DIODES-DSR8U600 Datasheet
93Kb / 4P
8A DIODESTAR RECTIFIER
DS35011 Rev. 2 - 2
DSR8V600 DIODES-DSR8V600 Datasheet
92Kb / 4P
8A DIODESTAR RECTIFIER
DS35010 Rev. 2 - 2
logo
Sanyo Semicon Device
SB80W06T SANYO-SB80W06T Datasheet
263Kb / 3P
60V, 8A Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com