Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA1298 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # KTA1298
Description  TRANSISTOR (PNP)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

KTA1298 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  KTA1298 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. KTA1298 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low frequency power amplifier application
Power switching application
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-35
V
VCEO
Collector-Emitter Voltage
-30
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current –Continuous
-0.8
A
PC*
Collector Dissipation
200
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=- 1mA,IE=0
-35
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -10mA, IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1mA, IC=0
-5
V
Collector
cut-off
current
ICBO
VCB=-30 V,IE=0
-0.1
μA
Emitter
cut-off
current
IEBO
VEB= -5V,IC=0
-0.1
μA
hFE(1)
VCE=-1V, IC=-100mA
100
320
DC
current
gain
hFE(2)
VCE=-1V, IC=-800mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB= -20mA
-0.4
V
Base- emitter voltage
VBE
VCE=-1V, IC=-10mA
-0.5
-0.8
V
Transition
frequency
fT
VCE=-5V, IC=-10mA,
120
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0,f=1MHz
13
pF
CLASSIFICATION OF hFE(1)
Rank
O
Y
Range
100-200
160-320
MARKING
IO
IY
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
KTA1298
TRANSISTOR (PNP)
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - KTA1298

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1298 KEC-KTA1298 Datasheet
248Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (LOW FREQUENCY POWER AMPLIFIER, POWER SWITCHING)
logo
Weitron Technology
KTA1298 WEITRON-KTA1298 Datasheet
689Kb / 4P
   PNP Silicon Transistors
logo
Galaxy Semi-Conductor H...
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
   Silicon Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
KTA1298 KEC-KTA1298 Datasheet
356Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
GUANGDONG HOTTECH INDUS...
KTA1298 HOTTECH-KTA1298 Datasheet
157Kb / 2P
   Plastic-Encapsulate Transistors
More results

Similar Description - KTA1298

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com