Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFS090 Datasheet(PDF) 118 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 118 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 114Page - Microsemi Corporation AFS090 Datasheet HTML 115Page - Microsemi Corporation AFS090 Datasheet HTML 116Page - Microsemi Corporation AFS090 Datasheet HTML 117Page - Microsemi Corporation AFS090 Datasheet HTML 118Page - Microsemi Corporation AFS090 Datasheet HTML 119Page - Microsemi Corporation AFS090 Datasheet HTML 120Page - Microsemi Corporation AFS090 Datasheet HTML 121Page - Microsemi Corporation AFS090 Datasheet HTML 122Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 334 page
background image
Device Architecture
2- 10 2
R e v isio n 2
ADC Terminology
Conversion Time
Conversion time is the interval between the release of the hold state (imposed by the input circuitry of a
track-and-hold) and the instant at which the voltage on the sampling capacitor settles to within one LSB
of a new input value.
DNL – Differential Non-Linearity
For an ideal ADC, the analog-input levels that trigger any two successive output codes should differ by
one LSB (DNL = 0). Any deviation from one LSB in defined as DNL (Figure 2-81).
ENOB – Effective Number of Bits
ENOB specifies the dynamic performance of an ADC at a specific input frequency and sampling rate. An
ideal ADC’s error consists only of quantization of noise. As the input frequency increases, the overall
noise (particularly in the distortion components) also increases, thereby reducing the ENOB and SINAD
(also see “Signal-to-Noise and Distortion Ratio (SINAD)”.) ENOB for a full-scale, sinusoidal input
waveform is computed using EQ 12.
EQ 12
FS Error – Full-Scale Error
Full-scale error is the difference between the actual value that triggers that transition to full-scale and the
ideal analog full-scale transition value. Full-scale error equals offset error plus gain error.
Figure 2-81 • Differential Non-Linearity (DNL)
Input Voltage to Prescaler
Error = –0.5 LSB
Error = +1 LSB
Ideal Output
Actual Output
ENOB
SINAD
1.76
–
6.02
-------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com