Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFS090 Datasheet(PDF) 156 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 156 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 152Page - Microsemi Corporation AFS090 Datasheet HTML 153Page - Microsemi Corporation AFS090 Datasheet HTML 154Page - Microsemi Corporation AFS090 Datasheet HTML 155Page - Microsemi Corporation AFS090 Datasheet HTML 156Page - Microsemi Corporation AFS090 Datasheet HTML 157Page - Microsemi Corporation AFS090 Datasheet HTML 158Page - Microsemi Corporation AFS090 Datasheet HTML 159Page - Microsemi Corporation AFS090 Datasheet HTML 160Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 334 page
background image
Device Architecture
2- 14 0
R e v isio n 2
I/O Registers
Each I/O module contains several input, output, and enable registers. Refer to Figure 2-98 for a
simplified representation of the I/O block.
The number of input registers is selected by a set of switches (not shown in Figure 2-98) between
registers to implement single or differential data transmission to and from the FPGA core. The Designer
software sets these switches for the user.
A common CLR/PRE signal is employed by all I/O registers when I/O register combining is used. Input
register 2 does not have a CLR/PRE pin, as this register is used for DDR implementation. The I/O
register combining must satisfy some rules.
Note:
Fusion I/Os have registers to support DDR functionality (see the "Double Data Rate (DDR) Support" section on
page 2-141 for more information).
Figure 2-98 • I/O Block Logical Representation
Input
Reg
E = Enable Pin
A
Y
PAD
1
2
3
4
5
6
OCE
ICE
ICE
Input
Reg
Input
Reg
CLR/PRE
CLR/PRE
CLR/PRE
CLR/PRE
CLR/PRE
Pull-Up/Down
Resistor Control
Signal Drive Strength
and Slew-Rate Control
Output
Reg
Output
Reg
To FPGA Core
From FPGA Core
Output
Enable
Reg
OCE
I/O / CLR or I/O / PRE / OCE
I/O / Q0
I/O / Q1
I/O / ICLK
I/O / D0
I/O / D1 / ICE
I/O / OCLK
I/O / OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com