Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE555 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # NE555
Description  PRECISION TIMERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

NE555 Datasheet(HTML) 4 Page - Diodes Incorporated

  NE555 Datasheet HTML 1Page - Diodes Incorporated NE555 Datasheet HTML 2Page - Diodes Incorporated NE555 Datasheet HTML 3Page - Diodes Incorporated NE555 Datasheet HTML 4Page - Diodes Incorporated NE555 Datasheet HTML 5Page - Diodes Incorporated NE555 Datasheet HTML 6Page - Diodes Incorporated NE555 Datasheet HTML 7Page - Diodes Incorporated NE555 Datasheet HTML 8Page - Diodes Incorporated NE555 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NE555/SA555/NA555
PRECISION TIMERS
NE555/SA555/NA555
Document number: DS35112 Rev. 4 - 2
4 of 14
www.diodes.com
February 2012
© Diodes Incorporated
Electrical Characteristics (VCC = 5V to 15V, TA = 25°C unless otherwise stated)
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
VOL
Low level output voltage
VCC = 15V, IOL = 10mA
0.1
0.25
V
VCC = 15V, IOL = 50mA
0.4
0.75
VCC = 15V, IOL = 100mA
2
2.5
VCC = 15V, IOL = 200mA
2.5
VCC = 5V, IOL = 5mA
0.1
0.35
VCC = 5V, IOL = 8mA
0.15
0.4
VOH
High level output voltage
VCC = 15V, IOH = -100mA
12.75
13.3
V
VCC = 15V, IOH = -200mA
12.5
VCC = 5V, IOH = -100mA
2.75
3.3
ICC
Supply current
Output low, no load
VCC = 15V
10
15
mA
VCC = 5V
3
6
Output high, no load
VCC = 15V
9
13
VCC = 5V
2
5
TER
Initial error of timing interval
(Note 8)
Each time, monostable
(Note 9)
1
3
%
Each time, astable
(Note 10)
2.25
TTC
Temperature coefficient of timing
interval
Each time, monostable
(Note 9)
TA = full
range
50
ppm/°C
Each time, astable
(Note 10)
150
TVCC
Supply voltage sensitivity of
timing interval
Each time, monostable
(Note 9)
0.1
0.5
%/V
Each time, astable
(Note 10)
0.3
TRI
Output pulse rise time
CL = 15pF
100
300
ns
TFA
Output pulse fall time
CL = 15pF
100
300
ns
Notes:
6. This parameter influences the maximum value of the timing resistors RA and RB in the circuit of Figure 12. For example, when VCC = 5 V, the
maximum value is R = RA + RB
≉ 3.4MΩ, and for VCC = 15 V, the maximum value is 10MΩ.
7. No protection against excessive pin 7 current is necessary providing package dissipation rating is not exceeded
8. Timing interval error is defined as the difference between the measured value and the average value of a random sample from each process run.
9. Values specified are for a device in a monostable circuit similar to Figure 9, with the following component values: RA = 2kΩ to 100kΩ, C = 0.1uF.
10. Values specified are for a device in an astable circuit similar to Figure 12, with the following component values: RA = 1kΩ to 100kΩ, C = 0.1uF.


Similar Part No. - NE555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE555 PHILIPS-NE555 Datasheet
120Kb / 7P
Timer
August 31, 1994
logo
Texas Instruments
NE555 TI-NE555 Datasheet
713Kb / 29P
PRCISION TIMERS
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
674Kb / 14P
Timing from microseconds to hours
February 2021
logo
Wing Shing Computer Com...
NE555 WINGS-NE555 Datasheet
273Kb / 5P
Precision Timer
logo
Unisonic Technologies
NE555 UTC-NE555 Datasheet
205Kb / 8P
SINGLE TIMER
More results

Similar Description - NE555

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
Precision Timers
logo
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555_08 Datasheet
625Kb / 27P
PRECISION TIMERS
logo
Unisonic Technologies
SA555 UTC-SA555 Datasheet
190Kb / 6P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555_07 Datasheet
559Kb / 27P
PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com