Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QA-2000 Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # QA-2000
Description  The inertial navigation standard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

QA-2000 Datasheet(HTML) 2 Page - Honeywell Accelerometers

  QA-2000 Datasheet HTML 1Page - Honeywell Accelerometers QA-2000 Datasheet HTML 2Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Performance Characteristics
Additional product specifications, outline drawings and block diagrams,
and test data are available on request.
Performance
QA2000-030
QA2000-020
QA2000-010
Input Range [g]
±60
±60
±60
Bias [mg]
<4
<4
<4
One-year Composite Repeatability [µg]
<160
<220
<550
Temperature Sensitivity [µg/ºC]
<30
<30
<30
Scale Factor [mA/g]
1.20 to 1.46
1.20 to 1.46
1.20 to 1.46
One-year Composite Repeatability [ppm]
<310
<500
<600
Temperature Sensitivity [ppm/ºC]
<180
<180
<180
Axis Misalignment [µrad]
<2000
<2000
<2000
One-year Composite Repeatability [µrad]
<100
<100
<100
<20 (50-500 Hz)
<40 (50-500 Hz)
<40 (50-500 Hz)
Vibration Rectification [µg/g
2rms]
<60 (500-2000 Hz)
<60 (500-2000 Hz)
<150 (500-2000 Hz)
Intrinsic Noise [µg-rms]
<7 (0-10 Hz)
<70 (10-500 Hz)
<1500 (500-10,000 Hz)
<7 (0-10 Hz)
<70 (10-500 Hz)
<1500 (500-10,000 Hz)
<7 (0-10 Hz)
<70 (10-500 Hz)
<1500 (500-10,000 Hz)
Environment
QA2000-030
QA2000-020
QA2000-010
Operating Temperature Range [ºC]
-55 to +95
-55 to +95
-55 to +95
Shock [g]
250
250
250
Vibration Peak Sine [g]
15 @ 20-2000 Hz
15 @ 20-2000 Hz
15 @ 20-2000 Hz
Resolution/Threshold [µg]
<1
<1
<1
Bandwidth [Hz]
>300
>300
>300
Thermal Modeling
QA2000-030
QA2000-020
QA2000-010
YES
YES
YES
Electrical
QA2000-030
QA2000-020
QA2000-010
Quiescent Current per Supply [mA]
<16
<16
<16
Quiescent Power [mW] @ ±15 VDC
<480
<480
<480
Temp Sensor
Temp Sensor
Temp Sensor
Voltage Self Test
Voltage Self Test
Voltage Self Test
Current Self Test
Current Self Test
Current Self Test
Power / Signal Ground
Power / Signal Ground
Power / Signal Ground
Electrical Interface
-10 VDC Output
+10 VDC Output
-10 VDC Output
+10 VDC Output
-10 VDC Output
+10 VDC Output
Input Voltage [VDC]
±13 to ±28
±13 to ±28
±13 to ±28
Physical
QA2000-030
QA2000-020
QA2000-010
Weight [grams]
71± 4
71± 4
71± 4
Diameter below mounting surface [inches]
Ø1.005 Max
Ø1.005 Max
Ø1.005 Max
Height - bottom to mounting surface [inches] .585 Max
.585 Max
.585 Max
Case Material
300 Series Stainless Steel
300 Series Stainless Steel
300 Series Stainless
Steel
ISO-9001 Certification Since 1995
DISCLAIMER: Specifications are subject to change without notice. Honeywell reserves the
right to make changes to any product or technology herein to improve reliability, function, or
design. Honeywell does not assume any liability arising out of the application or use of the
product.
Accelerometers exported from the United States must be done in accordance with the
Export Administration Regulations (EAR) and/or the International Traffic in Arms Regulations
(ITAR) as applicable.
Find out more:
www.inertialsensor.com
Defense & Space Redmond
Honeywell International, Inc.
MAIL ADDRESS: P.O. Box 97001
15001 N.E. 36
th Street
Redmond, Washington 98073-9701
PHONE: 888 206 1667
FAX: 425 883 2104
www.honeywell.com
EXP028, June 2005
Copyright © 2004, Honeywell
International Inc. All Rights
Reserved. Printed in USA


Similar Part No. - QA-2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QA-1000HC ETC1-QA-1000HC Datasheet
105Kb / 6P
Full Featured Programmable Analog Supply Current Monitor
logo
Honeywell Accelerometer...
QA-1400 HONEYWELL-ACC-QA-1400 Datasheet
51Kb / 2P
Cost-effective inertial-grade sensor
QA-1500 HONEYWELL-ACC-QA-1500 Datasheet
90Kb / 2P
High-g tactical navigation sensor
QA-3000 HONEYWELL-ACC-QA-3000 Datasheet
71Kb / 2P
Highest inertial navigation-grade performance
QA-700 HONEYWELL-ACC-QA-700 Datasheet
53Kb / 2P
Economical temperature-compensated sensor
More results

Similar Description - QA-2000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
EGN-D-O100A ITT-EGN-D-O100A Datasheet
227Kb / 2P
Analog Navigation Disc
logo
E-SWITCH
JS5208 E-SWITCH-JS5208 Datasheet
74Kb / 1P
NAVIGATION SWITCHES
logo
AVAGO TECHNOLOGIES LIMI...
AMRI-1000 AVAGO-AMRI-1000 Datasheet
336Kb / 6P
Mobile Navigation Interface IC for Navigation Pad Module
logo
Sonardyne sound in dept...
8026 SONARDYNE-8026 Datasheet
560Kb / 2P
Navigation Computer
logo
E-SWITCH
JS1300 E-SWITCH-JS1300 Datasheet
198Kb / 1P
NAVIGATION SWITCHES
logo
Honeywell Accelerometer...
QA-3000 HONEYWELL-ACC-QA-3000 Datasheet
71Kb / 2P
Highest inertial navigation-grade performance
logo
Freescale Semiconductor...
MMA16XXKW FREESCALE-MMA16XXKW Datasheet
423Kb / 45P
DSI Inertial Sensor
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
DSI Inertial Sensor
logo
Suntsu Electronics, Inc...
SATCA-10A3C2A-GPB1 SUNTSU-SATCA-10A3C2A-GPB1 Datasheet
1Mb / 6P
Navigation Systems
SATCA-10A3C3J-GPB4 SUNTSU-SATCA-10A3C3J-GPB4 Datasheet
993Kb / 4P
Navigation Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com