Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4160 Datasheet(PDF) 21 Page - Asahi Kasei Microsystems

Part # AK4160
Description  16-channel Capacitive Touch Sensor IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4160 Datasheet(HTML) 21 Page - Asahi Kasei Microsystems

Back Button AK4160 Datasheet HTML 17Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 18Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 19Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 20Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 21Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 22Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 23Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 24Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 25Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
[AK4160]
MS1313-E-01
2011/11
- 21 -
Address 0x03 (W/R) Default 0x00
Description
D7
D6
D5
D4
D3
D2
D1
D0
IRQ Status
IOVER
Reserved
Reserved
Reserved
Reserved
IRQ2
IRQ1
IRQ0
Bits
Name
Description
D7
IOVER
Short Detection of the RREF pin
The IOVER bit is set to “1”, when the RREF pin is shorted to VSS in run mode.
The AK4160 is changed from run mode to shutdown mode for the over current
protection.
The IRQ bit setting to the edge action is fix to the active state. When the IOVER bit
is “1”, run mode is invalid. When the IOVER bit is written “1”, the IOVER bit or
IRQ2-0 bits are cleared.
D6-D3
Reserved
Reserved: Must write “0”
D2-D0
IRQ2-0
IRQ Status
· The Edge Action case
The IRQ bits are set to “1”, when an interrupt occurs. There are 2ways to clear
these bits. It is selected by CLRM bit in the IRQCn register.
CLRM bit = “0”: When the lower byte of the IRQ Status register is read.
CLRM bit = “1”: When the related bit (IRQ2-0 bits) is written “1”, the bit is
cleared
· The Level Action case
The IRQ bits are set to the input level of IRQN2-0 terminals. Reading or writing
“1” to the IRQ bits is invalid.
· The GPIO Function
The IRQ bits are set to the level of IRQN2-0 terminals. Reading or writing “1” to
the IRQ bits is invalid.


Similar Part No. - AK4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
617Kb / 11P
6-channel Capacitive Touch Sensor IC
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
6-channel Capacitive Touch Sensor IC
logo
ACCUTEK MICROCIRCUIT CO...
AK4161024D ACCUTEK-AK4161024D Datasheet
113Kb / 2P
262,144 X 8 Bit MOS Dynamic Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
82Kb / 2P
32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
6-channel Capacitive Touch Sensor IC
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
8-Channel Capacitive Touch Sensor
10/28/13
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
8-Channel Capacitive Touch Sensor
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
3-Channel Capacitive Touch Sensor
07/14/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
6-Channel Capacitive Touch Sensor
07/14/15
logo
Renesas Technology Corp
LDS6200 RENESAS-LDS6200 Datasheet
778Kb / 36P
PureTouch®* Low Channel Capacitive Touch Sensor IC Family
2011
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420 Datasheet
110Kb / 1P
Ultra Low Power Capacitive Touch Sensor Interface IC
EM6420 EMMICRO-EM6420_12 Datasheet
849Kb / 54P
Ultra Low Power Capacitive Touch Sensor Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com