Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4160 Datasheet(PDF) 22 Page - Asahi Kasei Microsystems

Part # AK4160
Description  16-channel Capacitive Touch Sensor IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4160 Datasheet(HTML) 22 Page - Asahi Kasei Microsystems

Back Button AK4160 Datasheet HTML 18Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 19Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 20Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 21Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 22Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 23Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 24Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 25Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 26Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
[AK4160]
MS1313-E-01
2011/11
- 22 -
GPIO Input Data Register
Address 0x04 (R) Default 0x00
Description
D7
D6
D5
D4
D3
D2
D1
D0
GPIO Input Data
GPIN[7]
GPIN[6]
GPIN[5]
GPIN[4]
GPIN[3]
GPIN[2]
GPIN[1]
GPIN[0]
Bits
Name
Description
D7-D0
GPIN
The level output of GPIO
The reading value changes at each setting of GPIO. (Table 5)
GPEN
(Note 23)
Direction
(Note 24)
Debounce
(Note 25)
SRC1-0 bits
(Note 26)
The Value that returned from GPIO
0
-
-
-
0
Invalid
-
Terminal Level
Input
Valid
-
Debounced Level
-
00
Terminal Level
1
Output
-
01, 10, 11
Output Enable
Note 23. This is the setting value at the address 0x5E.
Note 24. This is set by DIR bit at the address 0x35~0x44.
Note 25. This is set by DEB1[3:0] bits and DEB0[3:0] bits at address 0x35~0x44.
Note 26. This is set by SRC1-0 bits at address 0x32~0x44.
Table 5. GPIO Register Value


Similar Part No. - AK4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
   6-channel Capacitive Touch Sensor IC
logo
ACCUTEK MICROCIRCUIT CO...
AK4161024D ACCUTEK-AK4161024D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
   6-channel Capacitive Touch Sensor IC
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
   3-Channel Capacitive Touch Sensor
07/14/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
   6-Channel Capacitive Touch Sensor
07/14/15
logo
Renesas Technology Corp
LDS6200 RENESAS-LDS6200 Datasheet
778Kb / 36P
   PureTouch®* Low Channel Capacitive Touch Sensor IC Family
2011
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420 Datasheet
110Kb / 1P
   Ultra Low Power Capacitive Touch Sensor Interface IC
EM6420 EMMICRO-EM6420_12 Datasheet
849Kb / 54P
   Ultra Low Power Capacitive Touch Sensor Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com