Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4160 Datasheet(PDF) 27 Page - Asahi Kasei Microsystems

Part # AK4160
Description  16-channel Capacitive Touch Sensor IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4160 Datasheet(HTML) 27 Page - Asahi Kasei Microsystems

Back Button AK4160 Datasheet HTML 23Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 24Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 25Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 26Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 27Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 28Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 29Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 30Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 31Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
[AK4160]
MS1313-E-01
2011/11
- 27 -
Charge Current Register (CCn: n=0~15)
Address 0x45-0x54 (W/R) Default 0x00
Description
D7
D6
D5
D4
D3
D2
D1
D0
Charge Current
Reserved
Reserved
CCn[5]
CCn[4]
CCn[3]
CCn[2]
CCn[1]
CCn[0]
Bits
Name
Description
D7-D6
Reserved
Reserved: This bit should be written “0”.
D5-D0
CCn
The charge current from the terminal CSn is set. 0.556 x CCn x VDD [uA]
When automatic setting is valid (Addr 0x5F ACE bit = “1”), these bits are
updated after the setting is completed. This value may not be correct during the
automatic setting.
These bits can not be changed by the serial I/F in run-mode.
Charge Time Register (CTn: n=0, 2, 4, 6, 8, 10, 12, 14)
Address 0x55-0x5C (W/R) Default 0x00
Description
D7
D6
D5
D4
D3
D2
D1
D0
Charge Time
Reserved
CTn+1[2]
CTn+1[1]
CTn+1[0]
Reserved
CTn[2]
CTn[1]
CTn[0]
Bits
Name
Description
D7,D3
Reserved
Reserved: This bit should be written “0”.
D6-D4
D2-D0
CTn+1
CTn
The charge time at the terminal CSn is set. 0.25us~32us = 0.25us x 2CTn
When automatic setting is valid (Addr 0x5F ACE bit = “1”), these bits are
updated after the setting is completed. This value may not be correct during the
automatic setting.
These bits can not be changed by the serial I/F in run-mode.
GPIO Date Register (GPDT)
Address 0x5D (W/R) Default 0x00
Description
D7
D6
D5
D4
D3
D2
D1
D0
GPIO Data Register
GPDT[7]
GPDT[6]
GPDT[5]
GPDT[4]
GPDT[3]
GPDT[2]
GPDT[1]
GPDT[0]
Bits
Name
Description
D7-D0
GPDT
GPIO Output Data Setting
When the touch status is output (SRC1-0 bits = “01”, “10”, “11”), the output is
valid according to GPDT7-0 bits = “1”.
GPIO Enable Register (GPEN)
Address 0x5E (W/R) Default 0x00
Description
D7
D6
D5
D4
D3
D2
D1
D0
GPIO Enable Register
GPEN[7]
GPEN[6]
GPEN[5]
GPEN[4]
GPEN[3]
GPEN[2]
GPEN[1]
GPEN[0]
Bits
Name
Description
D7-D0
GPEN
GPIO Enable
Exclusive control is provided for the sense terminal select (SCC Register NCH
bit).
When a pin has already been selected as GPIO, the sense terminal selection is
invalid.


Similar Part No. - AK4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
617Kb / 11P
6-channel Capacitive Touch Sensor IC
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
6-channel Capacitive Touch Sensor IC
logo
ACCUTEK MICROCIRCUIT CO...
AK4161024D ACCUTEK-AK4161024D Datasheet
113Kb / 2P
262,144 X 8 Bit MOS Dynamic Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
82Kb / 2P
32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
6-channel Capacitive Touch Sensor IC
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
8-Channel Capacitive Touch Sensor
10/28/13
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
8-Channel Capacitive Touch Sensor
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
3-Channel Capacitive Touch Sensor
07/14/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
6-Channel Capacitive Touch Sensor
07/14/15
logo
Renesas Technology Corp
LDS6200 RENESAS-LDS6200 Datasheet
778Kb / 36P
PureTouch®* Low Channel Capacitive Touch Sensor IC Family
2011
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420 Datasheet
110Kb / 1P
Ultra Low Power Capacitive Touch Sensor Interface IC
EM6420 EMMICRO-EM6420_12 Datasheet
849Kb / 54P
Ultra Low Power Capacitive Touch Sensor Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com