Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4160 Datasheet(PDF) 28 Page - Asahi Kasei Microsystems

Part # AK4160
Description  16-channel Capacitive Touch Sensor IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4160 Datasheet(HTML) 28 Page - Asahi Kasei Microsystems

Back Button AK4160 Datasheet HTML 24Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 25Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 26Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 27Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 28Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 29Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 30Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 31Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 32Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
[AK4160]
MS1313-E-01
2011/11
- 28 -
Auto Calibration Control Register (ACC)
Address 0x5F (W/R) Default 0x06
Description
D7
D6
D5
D4
D3
D2
D1
D0
Auto Calibration Control
ACE
RCE
RIM
CCO
VS[3]
VS[2]
VS[1]
VS[0]
Bits
Name
Description
D7
ACE
The automatic setting of the charge current and the charge time is enabled.
The charge current and the charge time is set automatically at the first
measurement, and each register is updated. When the function of automatic
setting is valid, the VS3-0 bits must be configured.
D6
RCE
The automatic reconfiguration is enabled.
The reconfiguration is operated automatically when the measurement data is
over the upper limit.
D5
RIM
Reference value setting of the reconfiguration
0: The first measurement value is set as the initial value of the reference after
reconfiguration.
1: 31/32 of the first measurement value is set as the initial value of the reference
after reconfiguration.
D4
CCO
Automatic Setting of the Charge Current Only
The charge time is not automatically configured, and it is set to the value of CT
register. Only charge current is automatically set.
D3-D0
VS
The Lowest Operation Voltage Setting
The best charge current and charge time in the power supply voltage selected
with these bits are automatically configured.
At the power supply voltage selected by these bits, the charge current and the
charge time are automatically optimized.
The initial value is “0110”. (1.71V ~1.9V)
These bits can not be changed by the serial I/F in run-mode.
VS[3:0]
Lowest Operation
Voltage
Upper Limit Voltage of
Sense Terminals
Setting Voltage
0000-0101
Reserved
Reserved
Reserved
0110
VDD ≥ 1.71V
1.50V
1.35V
0111
VDD ≥ 1.9V
1.70V
1.53V
1000
VDD ≥ 2.1V
1.90V
1.71V
1001
VDD ≥ 2.3V
2.10V
1.89V
1010
VDD ≥ 2.5V
2.30V
2.07V
1011
VDD ≥ 2.7V
2.50V
2.25V
1100
VDD ≥ 2.9V
2.70V
2.43V
1101
VDD ≥ 3.1V
2.90V
2.61V
1110
VDD ≥ 3.3V
3.10V
2.79V
1111
VDD ≥ 3.5V
3.30V
2.97V
Table 9. Reference Value of Automatic Setting


Similar Part No. - AK4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
617Kb / 11P
6-channel Capacitive Touch Sensor IC
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
6-channel Capacitive Touch Sensor IC
logo
ACCUTEK MICROCIRCUIT CO...
AK4161024D ACCUTEK-AK4161024D Datasheet
113Kb / 2P
262,144 X 8 Bit MOS Dynamic Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
82Kb / 2P
32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
6-channel Capacitive Touch Sensor IC
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
8-Channel Capacitive Touch Sensor
10/28/13
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
8-Channel Capacitive Touch Sensor
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
3-Channel Capacitive Touch Sensor
07/14/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
6-Channel Capacitive Touch Sensor
07/14/15
logo
Renesas Technology Corp
LDS6200 RENESAS-LDS6200 Datasheet
778Kb / 36P
PureTouch®* Low Channel Capacitive Touch Sensor IC Family
2011
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420 Datasheet
110Kb / 1P
Ultra Low Power Capacitive Touch Sensor Interface IC
EM6420 EMMICRO-EM6420_12 Datasheet
849Kb / 54P
Ultra Low Power Capacitive Touch Sensor Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com