Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4160 Datasheet(PDF) 32 Page - Asahi Kasei Microsystems

Part # AK4160
Description  16-channel Capacitive Touch Sensor IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4160 Datasheet(HTML) 32 Page - Asahi Kasei Microsystems

Back Button AK4160 Datasheet HTML 28Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 29Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 30Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 31Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 32Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 33Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 34Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 35Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 36Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
[AK4160]
MS1313-E-01
2011/11
- 32 -
IRQ GPIO Register (GPEN bit = “1”)
Address 0x64/0x68/0x6C (W/R) Default 0x08
Description
D7
D6
D5
D4
D3
D2
D1
D0
IRQ GPIO
GPEN
DIR
DAT
DRV[1]
DRV[0]
DSTR
PE
PU
Address 0x65/0x69/0x6D (W/R) Default 0x00
Description
D7
D6
D5
D4
D3
D2
D1
D0
IRQ GPIO
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Bits
Name
Description
D7
GPEN
GPIO Enable
This bit should be set to “1” at the GPIO operation.
D6
DIR
GPIO Input/Output Selection
0: Input Configuration
1: Output Configuration
D5
DAT
GPIO Output Data
When GPIO is output configuration, the output data is setting by this bit.
D4-D3
DRV
Output Driver Setting
00: CMOS Output
01: Low Side Output: When Output is “H”, Hi-z (Open Drain)
10: High Side Output: When Output is “L”, Hi-z (Open Drain)
11: CMOS Output (Same as 00 Setting)
D2
DSTR
The Driving ability of the GPIO output driver is set.
0: 1/3 drive
1: full drive
D1
PE
Pull-up, Pull-down Enable
0: Invalid
1: Valid. The direction is fixed by PU bit.
D0
PU
Pull-up / Pull-down Selector
0: Pull-down
1: Pull-up
Bits
Name
Description
D7-D0
Reserved
Reserved: This bit should be written “0”.


Similar Part No. - AK4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
617Kb / 11P
6-channel Capacitive Touch Sensor IC
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
6-channel Capacitive Touch Sensor IC
logo
ACCUTEK MICROCIRCUIT CO...
AK4161024D ACCUTEK-AK4161024D Datasheet
113Kb / 2P
262,144 X 8 Bit MOS Dynamic Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
82Kb / 2P
32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
6-channel Capacitive Touch Sensor IC
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
8-Channel Capacitive Touch Sensor
10/28/13
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
8-Channel Capacitive Touch Sensor
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
3-Channel Capacitive Touch Sensor
07/14/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
6-Channel Capacitive Touch Sensor
07/14/15
logo
Renesas Technology Corp
LDS6200 RENESAS-LDS6200 Datasheet
778Kb / 36P
PureTouch®* Low Channel Capacitive Touch Sensor IC Family
2011
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420 Datasheet
110Kb / 1P
Ultra Low Power Capacitive Touch Sensor Interface IC
EM6420 EMMICRO-EM6420_12 Datasheet
849Kb / 54P
Ultra Low Power Capacitive Touch Sensor Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com