Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4160 Datasheet(PDF) 33 Page - Asahi Kasei Microsystems

Part # AK4160
Description  16-channel Capacitive Touch Sensor IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4160 Datasheet(HTML) 33 Page - Asahi Kasei Microsystems

Back Button AK4160 Datasheet HTML 29Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 30Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 31Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 32Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 33Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 34Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 35Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 36Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 37Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
[AK4160]
MS1313-E-01
2011/11
- 33 -
IRQ Mask Register (IRQMn: n=0~2)
Address 0x66/0x6A/0x6E (W/R) Default 0x00
Description
D7
D6
D5
D4
D3
D2
D1
D0
IRQ Mask
IRQM[15]
IRQM[14]
IRQM[13]
IRQM[12]
IRQM[11]
IRQM[10]
IRQM[9]
IRQM[8]
Address 0x67/0x6B/0x6F (W/R) Default 0x00
Description
D7
D6
D5
D4
D3
D2
D1
D0
IRQ Mask
IRQM[7]
IRQM[6]
IRQM[5]
IRQM[4]
IRQM[3]
IRQM[2]
IRQM[1]
IRQM[0]
Bits
Name
Description
15-0
IRQM
Intended channel setting of Touch/Release Interrupt
0: No Target of Interrupt
1: Target of Interrupt
Noise Filter Control Register (NFC)
Address 0x70 (W/R) Default 0x00
Description
D7
D6
D5
D4
D3
D2
D1
D0
Noise Filter Control
NF2S[1]
NF2S[0]
NF1S[1]
NF1S[0]
RIM[1]
RIM[0]
LCH
RCH
Bits
Name
Description
D7-D6
NF2S
Number of samples at the noise filter (the second filter)
00: 4 samples
01: 6 samples
10: 10 samples
11: 18 samples
D5-D4
NF1S
Number of samples at the noise filter (the first filter)
00: 4 samples
01: 6 samples
10: 10 samples
11: 18 samples
D3-D2
RIM
Initial Reference Setting Selection
00: User Setting (reference value set by Addr 0x80-0x9F REFn bits)
01: First Measurement Value as a Reference
10: 31/32 of First Measurement Value as a Reference
11: 30/32 of First Measurement Value as a Reference
D1
LCH
Priority Setting of sense terminals without multi touch function
0: The sense terminal to touch most strongly is selected.
1: The sense terminal of the youngest number is selected.
D0
RCH
Release Operation Setting of sense terminals without multi touch function
0: The next touch judgment is not executed until all the sense terminals are
released once.
1: When the sense terminal that is judged as touched is released, the next touch
judgment is executed.
These bits can not be changed by the serial I/F in run-mode.


Similar Part No. - AK4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
617Kb / 11P
6-channel Capacitive Touch Sensor IC
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
6-channel Capacitive Touch Sensor IC
logo
ACCUTEK MICROCIRCUIT CO...
AK4161024D ACCUTEK-AK4161024D Datasheet
113Kb / 2P
262,144 X 8 Bit MOS Dynamic Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
82Kb / 2P
32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
6-channel Capacitive Touch Sensor IC
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
8-Channel Capacitive Touch Sensor
10/28/13
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
8-Channel Capacitive Touch Sensor
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
3-Channel Capacitive Touch Sensor
07/14/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
6-Channel Capacitive Touch Sensor
07/14/15
logo
Renesas Technology Corp
LDS6200 RENESAS-LDS6200 Datasheet
778Kb / 36P
PureTouch®* Low Channel Capacitive Touch Sensor IC Family
2011
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420 Datasheet
110Kb / 1P
Ultra Low Power Capacitive Touch Sensor Interface IC
EM6420 EMMICRO-EM6420_12 Datasheet
849Kb / 54P
Ultra Low Power Capacitive Touch Sensor Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com