Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4160 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK4160
Description  16-channel Capacitive Touch Sensor IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4160 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK4160 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
[AK4160]
MS1313-E-01
2011/11
- 7 -
SWITCHING CHARACTERISTICS
(Ta = -40
°C ~ 85°C, VDD = 1.71V ~ 3.6V; unless otherwise specified)
Parameter
Symbol
min
typ
max
Units
Touch Sensor
Charge Time (Note 16)
TCHG
-15
-
15
%
Sampling Rate (Note 17)
TSR
-35
-
35
%
PWM
Frequency Accuracy
ACCF
-35
-
35
%
Reset Timing
Reset Pulse Width (Note 18)
tRSTN
10
-
-
us
Reset Pin Pulse Width of Spike Noise
Suppressed by Input Filter (Note 19)
tRSTNS
0.5
-
-
us
Start Up Timing
Power up time (Note 20)
tPU
-
-
1
ms
Power up rise time
tPR
-
-
20
ms
Power up Interval time (Note 21)
tPI
20
-
-
ms
I2C
SCL clock frequency
fSCL
-
-
400
kHz
Bus Free Time Between Transmissions
tBUF
1.3
-
-
μs
Start Condition Hold Time (prior to first Clock pulse)
tHD:STA
0.6
-
-
μs
Clock Low Time
tLOW
1.3
-
-
μs
Clock High Time
tHIGH
0.6
-
-
μs
Setup Time for Repeated Start Condition
tSU:STA
0.6
-
-
μs
SDA Hold Time from SCL Falling (Note 22)
tHD:DAT
0
-
-
μs
SDA Setup Time from SCL Rising
tSU:DAT
0.1
-
-
μs
Rise Time of Both SDA and SCL Lines
tR
-
-
0.3
μs
Fall Time of Both SDA and SCL Lines
tF
-
-
0.3
μs
Setup Time for Stop Condition
tSU:STO
0.6
-
-
μs
Pulse Width of Spike Noise Suppressed By Input Filter
tSP
50
-
-
ns
Capacitive load on bus
Cb
-
-
400
pF
Note 16. Variation against nominal value of TCHG (0.25us to 32us)
Note 17. Variation against nominal value of TSR (4ms to 512ms)
Note 18. The AK4160 can be reset by the RSTN pin = “L”. This is to initialize the AK4160 for sure.
Note 19. Pulse width of spike noise suppressed by input filter of the RSTN pin.
Note 20. Time as the starting point when reached VDD=1.71V and VREG=1.0V, with CREG=47nF.
Note 21. The condition of “VDD=VSS” should be kept during the Power up Interval Time.
Note 22. Data must be held for sufficient time to bridge the 300ns transition time of SCL.
VIL
RSTN
tRSTN
tRSTNS
Figure 2. Reset Timing Diagram


Similar Part No. - AK4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
617Kb / 11P
6-channel Capacitive Touch Sensor IC
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
6-channel Capacitive Touch Sensor IC
logo
ACCUTEK MICROCIRCUIT CO...
AK4161024D ACCUTEK-AK4161024D Datasheet
113Kb / 2P
262,144 X 8 Bit MOS Dynamic Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
82Kb / 2P
32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
6-channel Capacitive Touch Sensor IC
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
8-Channel Capacitive Touch Sensor
10/28/13
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
8-Channel Capacitive Touch Sensor
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
3-Channel Capacitive Touch Sensor
07/14/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
6-Channel Capacitive Touch Sensor
07/14/15
logo
Renesas Technology Corp
LDS6200 RENESAS-LDS6200 Datasheet
778Kb / 36P
PureTouch®* Low Channel Capacitive Touch Sensor IC Family
2011
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420 Datasheet
110Kb / 1P
Ultra Low Power Capacitive Touch Sensor Interface IC
EM6420 EMMICRO-EM6420_12 Datasheet
849Kb / 54P
Ultra Low Power Capacitive Touch Sensor Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com