Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4160 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK4160
Description  16-channel Capacitive Touch Sensor IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4160 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK4160 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
[AK4160]
MS1313-E-01
2011/11
- 10 -
Noise Reduction Filter
The voltage of a sense terminal is measured for N consecutive times. Then the first filter calculates the average value,
discarding the minimum and the maximum values. The N of the measurement time is user-selectable from 4, 6, 10, and
18 times. (Address 0x70 NF1S1-0 bits) The sampling rate is dependent on the charge time.
The second filter has the same structure as the first filter. The outputs of the first filter are input to the second filter. The N
of the measurement time is user-selectable from 4, 6, 10, and 18 times independent of the first filter. (Address 0x70
NF2S1-0 bits) The sampling rate of the second filter is user-selectable from 4ms to 512ms in factorial of 2 steps. (Address
0x74 TSR2-0 bits)
The output rate of the second filter is “Sampling Rate × Sample Count”. The output data is compared to “The Noncontact
Reference Value” that output by the calibration circuit for environment changes.
CS0
Sampling Rate
Result Update
Calculation of median averaging after 6 measurement,
repeating charge and discharge.
(6 Sample Setting in the first filter)
The Voltage of
Sense terminal
CS1
Calculation of median averaging after 4 times acquisition
of the output data from the first filter, and updating to
result
(4 Sample Setting in the second filter)
CS0
Data
CS1
Data
Figure 7. The Measurement of a Sense Terminal and The Data Update


Similar Part No. - AK4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
617Kb / 11P
6-channel Capacitive Touch Sensor IC
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
6-channel Capacitive Touch Sensor IC
logo
ACCUTEK MICROCIRCUIT CO...
AK4161024D ACCUTEK-AK4161024D Datasheet
113Kb / 2P
262,144 X 8 Bit MOS Dynamic Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
82Kb / 2P
32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
6-channel Capacitive Touch Sensor IC
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
8-Channel Capacitive Touch Sensor
10/28/13
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
8-Channel Capacitive Touch Sensor
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
3-Channel Capacitive Touch Sensor
07/14/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
6-Channel Capacitive Touch Sensor
07/14/15
logo
Renesas Technology Corp
LDS6200 RENESAS-LDS6200 Datasheet
778Kb / 36P
PureTouch®* Low Channel Capacitive Touch Sensor IC Family
2011
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420 Datasheet
110Kb / 1P
Ultra Low Power Capacitive Touch Sensor Interface IC
EM6420 EMMICRO-EM6420_12 Datasheet
849Kb / 54P
Ultra Low Power Capacitive Touch Sensor Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com