Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR3360 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # LR3360
Description  T1(3mm) LED LAMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LR3360 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  LR3360 Datasheet HTML 1Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 1 page
background image
Semiconductor Group
4
1998-07-13
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LR
LS
LO
LY
LG
LP
Wellenlänge des emittierten Lichtes(typ.)
Wavelength at peak emission(typ.)
I
F = 20 mA
λ
peak
660
635
610
586
565
557
nm
Dominantwellenlänge(typ.)
Dominant wavelength(typ.)
I
F = 20 mA
λ
dom
645
628
605
590
570
560
nm
Spektrale Bandbreite bei 50 %
I
rel max(typ.)
Spectral bandwidth at 50 %
I
rel max(typ.)
I
F = 20 mA
∆λ
35
45
40
45
25
22
nm
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
Viewing angle at 50 %
I
V
2
ϕ
70
70
70
70
70
70
Grad
deg.
Durchlaßspannung(typ.)
Forward voltage(max.)
I
F = 10 mA
V
F
V
F
1.6
2.0
2.0
2.6
2.0
2.6
2.0
2.6
2.0
2.6
2.0
2.6
V
V
Sperrstrom(typ.)
Reverse current(max.)
V
R = 5 V
I
R
I
R
0.01
10
0.01
10
0.01
10
0.01
10
0.01
10
0.01
10
µA
µA
Kapazität(typ.)
Capacitance
V
R = 0 V, f = 1 MHz
C
0
25
12
8
101515pF
Schaltzeiten:
Switching times:
I
V from 10 % to 90 %(typ.)
I
V from 90 % to 10 %(typ.)
I
F = 100 mA, tP = 10 µs, RL = 50 Ω
t
r
t
f
120
50
300
150
300
150
300
150
450
200
450
200
ns
ns
LR 3360, LS 3360, LO 3360
LY 3360, LG 3360, LP 3360



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com