Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488 Datasheet(PDF) 4 Page - Analog Devices

Part # ADIS16488
Description  Ten Degrees of Freedom Inertial Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488 Datasheet(HTML) 4 Page - Analog Devices

  ADIS16488 Datasheet HTML 1Page - Analog Devices ADIS16488 Datasheet HTML 2Page - Analog Devices ADIS16488 Datasheet HTML 3Page - Analog Devices ADIS16488 Datasheet HTML 4Page - Analog Devices ADIS16488 Datasheet HTML 5Page - Analog Devices ADIS16488 Datasheet HTML 6Page - Analog Devices ADIS16488 Datasheet HTML 7Page - Analog Devices ADIS16488 Datasheet HTML 8Page - Analog Devices ADIS16488 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADIS16488
Data Sheet
Rev. B | Page 4 of 36
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
BAROMETER
Pressure Range
300
1100
mbar
Extended
10
1200
mbar
Sensitivity
BAROM_OUT and BAROM_LOW (32-bit)
6.1 × 10−7
mbar/LSB
Error with Supply
0.04
%/V
Total Error
4.5
mbar
Relative Error1
−40°C to +85°C
2.5
mbar
Linearity2
Best fit straight line, FS = 1100 mbar
0.1
% of FS
−40°C to +85°C
0.2
% of FS
Linear-g Sensitivity
±1 g, 1 σ
0.005
mbar/g
Noise
0.025
mbar rms
TEMPERATURE SENSOR
Scale Factor
Output = 0x0000 at 25°C (±5°C)
0.00565
°C/LSB
LOGIC INPUTS3
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.8
V
CS Wake-Up Pulse Width
20
µs
Logic 1 Input Current, IIH
VIH = 3.3 V
10
µA
Logic 0 Input Current, IIL
VIL = 0 V
All Pins Except RST
10
µA
RST Pin
0.33
mA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS
Output High Voltage, VOH
ISOURCE = 0.5 mA
2.4
V
Output Low Voltage, VOL
ISINK = 2.0 mA
0.4
V
FLASH MEMORY
Endurance4
100,000
Cycles
Data Retention5
TJ = 85°C
20
Years
FUNCTIONAL TIMES6
Time until data is available
Power-On Start-up Time
500
ms
Reset Recovery Time
500
ms
Sleep Mode Recovery Time
500
µs
Flash Memory Update Time
375
ms
Flash Memory Test Time
50
ms
Automatic Self-Test Time
Using internal clock, 100 SPS
12
ms
CONVERSION RATE
2.46
kSPS
Initial Clock Accuracy
0.02
%
Temperature Coefficient
40
ppm/°C
Sync Input Clock
0.77
2.4
kHz
POWER SUPPLY, VDD
Operating voltage range
3.0
3.6
V
Power Supply Current8
Normal mode, VDD = 3.3 V, µ ± σ
254
mA
Sleep mode, VDD = 3.3 V
12.2
mA
Power-down mode, VDD = 3.3 V
45
µA
POWER SUPPLY, VDDRTC
Operating voltage range
3.0
3.6
V
Real-Time Clock Supply Current
Normal mode, VDDRTC = 3.3 V
13
µA
1
The relative error assumes that the initial error, at 25°C, is corrected in the end application.
2
Linearity errors assume a full scale (FS) of 1000 mbar.
3
The digital I/O signals are driven by an internal 3.3 V supply, and the inputs are 5 V tolerant.
4
Endurance is qualified as per JEDEC Standard 22, Method A117, and measured at −40°C, +25°C, +85°C, and +125°C.
5
The data retention specification assumes a junction temperature (TJ) of 85°C as per JEDEC Standard 22, Method A117. Data retention lifetime decreases with TJ.
6
These times do not include thermal settling and internal filter response times, which may affect overall accuracy.
7
Device functions at clock rates below 0.7 kHz, but at reduced performance levels.
8
Supply current transients can reach 450 mA for 400 µs during start-up and reset recovery.


Similar Part No. - ADIS16488

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16488BMLZ AD-ADIS16488BMLZ Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16488CMLZ AD-ADIS16488CMLZ Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
More results

Similar Description - ADIS16488

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
Rev. E
ADIS16489 AD-ADIS16489 Datasheet
992Kb / 40P
Seven Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com