Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488 Datasheet(PDF) 11 Page - Analog Devices

Part # ADIS16488
Description  Ten Degrees of Freedom Inertial Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADIS16488 Datasheet HTML 7Page - Analog Devices ADIS16488 Datasheet HTML 8Page - Analog Devices ADIS16488 Datasheet HTML 9Page - Analog Devices ADIS16488 Datasheet HTML 10Page - Analog Devices ADIS16488 Datasheet HTML 11Page - Analog Devices ADIS16488 Datasheet HTML 12Page - Analog Devices ADIS16488 Datasheet HTML 13Page - Analog Devices ADIS16488 Datasheet HTML 14Page - Analog Devices ADIS16488 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Data Sheet
ADIS16488
Rev. B | Page 11 of 36
USER REGISTERS
Table 9. User Register Memory Map (N/A = Not Applicable)
Name
R/W
Flash
PAGE_ID
Address
Default
Register Description
Format
PAGE_ID
R/W
No
0x00
0x00
0x00
Page identifier
N/A
Reserved
N/A
N/A
0x00
0x02 to 0x04
N/A
Reserved
N/A
SEQ_CNT
R
No
0x00
0x06
N/A
Sequence counter
Table 56
SYS_E_FLAG
R
No
0x00
0x08
0x0000
Output, system error flags
Table 47
DIAG_STS
R
No
0x00
0x0A
0x0000
Output, self-test error flags
Table 48
ALM_STS
R
No
0x00
0x0C
0x0000
Output, alarm error flags
Table 49
TEMP_OUT
R
No
0x00
0x0E
N/A
Output, temperature
Table 45
X_GYRO_LOW
R
No
0x00
0x10
N/A
Output, x-axis gyroscope, low word
Table 14
X_GYRO_OUT
R
No
0x00
0x12
N/A
Output, x-axis gyroscope, high word
Table 10
Y_GYRO_LOW
R
No
0x00
0x14
N/A
Output, y-axis gyroscope, low word
Table 15
Y_GYRO_OUT
R
No
0x00
0x16
N/A
Output, y-axis gyroscope, high word
Table 11
Z_GYRO_LOW
R
No
0x00
0x18
N/A
Output, z-axis gyroscope, low word
Table 16
Z_GYRO_OUT
R
No
0x00
0x1A
N/A
Output, z-axis gyroscope, high word
Table 12
X_ACCL_LOW
R
No
0x00
0x1C
N/A
Output, x-axis accelerometer, low word
Table 21
X_ACCL_OUT
R
No
0x00
0x1E
N/A
Output, x-axis accelerometer, high word
Table 17
Y_ACCL_LOW
R
No
0x00
0x20
N/A
Output, y-axis accelerometer, low word
Table 22
Y_ACCL_OUT
R
No
0x00
0x22
N/A
Output, y-axis accelerometer, high word
Table 18
Z_ACCL_LOW
R
No
0x00
0x24
N/A
Output, z-axis accelerometer, low word
Table 23
Z_ACCL_OUT
R
No
0x00
0x26
N/A
Output, z-axis accelerometer, high word
Table 19
X_MAGN_OUT
R
No
0x00
0x28
N/A
Output, x-axis magnetometer, high word
Table 38
Y_MAGN_OUT
R
No
0x00
0x2A
N/A
Output, y-axis magnetometer, high word
Table 39
Z_MAGN_OUT
R
No
0x00
0x2C
N/A
Output, z-axis magnetometer, high word
Table 40
BAROM_LOW
R
No
0x00
0x2E
N/A
Output, barometer, low word
Table 44
BAROM_OUT
R
No
0x00
0x30
N/A
Output, barometer, high word
Table 42
Reserved
N/A
N/A
0x00
0x32 to 0x3E
N/A
Reserved
N/A
X_DELTANG_LOW
R
No
0x00
0x40
N/A
Output, x-axis delta angle, low word
Table 28
X_DELTANG_OUT
R
No
0x00
0x42
N/A
Output, x-axis delta angle, high word
Table 24
Y_DELTANG_LOW
R
No
0x00
0x44
N/A
Output, y-axis delta angle, low word
Table 29
Y_DELTANG_OUT
R
No
0x00
0x46
N/A
Output, y-axis delta angle, high word
Table 25
Z_DELTANG_LOW
R
No
0x00
0x48
N/A
Output, z-axis delta angle, low word
Table 30
Z_DELTANG_OUT
R
No
0x00
0x4A
N/A
Output, z-axis delta angle, high word
Table 26
X_DELTVEL_LOW
R
No
0x00
0x4C
N/A
Output, x-axis delta velocity, low word
Table 35
X_DELTVEL_OUT
R
No
0x00
0x4E
N/A
Output, x-axis delta velocity, high word
Table 31
Y_DELTVEL_LOW
R
No
0x00
0x50
N/A
Output, y-axis delta velocity, low word
Table 36
Y_DELTVEL_OUT
R
No
0x00
0x52
N/A
Output, y-axis delta velocity, high word
Table 32
Z_DELTVEL_LOW
R
No
0x00
0x54
N/A
Output, z-axis delta velocity, low word
Table 37
Z_DELTVEL_OUT
R
No
0x00
0x56
N/A
Output, z-axis delta velocity, high word
Table 33
Reserved
N/A
N/A
0x00
0x58 to 0x76
N/A
Reserved
N/A
TIME_MS_OUT
R
Yes
0x00
0x78
N/A
Factory configuration time: minutes/seconds
Table 124
TIME_DH_OUT
R
Yes
0x00
0x7A
N/A
Factory configuration date/time: day/hour
Table 125
TIME_YM_OUT
R
Yes
0x00
0x7C
N/A
Factory configuration date: year/month
Table 126
PROD_ID
R
Yes
0x00
0x7E
0x4068
Output, product identification (16,488)
Table 53
Reserved
N/A
N/A
0x01
0x00 to 0x7E
N/A
Reserved
N/A
PAGE_ID
R/W
No
0x02
0x00
0x00
Page identifier
N/A
Reserved
N/A
N/A
0x02
0x02
N/A
Reserved
N/A
X_GYRO_SCALE
R/W
Yes
0x02
0x04
0x0000
Calibration, scale, x-axis gyroscope
Table 71
Y_GYRO_SCALE
R/W
Yes
0x02
0x06
0x0000
Calibration, scale, y-axis gyroscope
Table 72
Z_GYRO_SCALE
R/W
Yes
0x02
0x08
0x0000
Calibration, scale, z-axis gyroscope
Table 73
X_ACCL_SCALE
R/W
Yes
0x02
0x0A
0x0000
Calibration, scale, x-axis accelerometer
Table 81
Y_ACCL_SCALE
R/W
Yes
0x02
0x0C
0x0000
Calibration, scale, y-axis accelerometer
Table 82
Z_ACCL_SCALE
R/W
Yes
0x02
0x0E
0x0000
Calibration, scale, z-axis accelerometer
Table 83


Similar Part No. - ADIS16488

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16488BMLZ AD-ADIS16488BMLZ Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16488CMLZ AD-ADIS16488CMLZ Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
More results

Similar Description - ADIS16488

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
Rev. E
ADIS16489 AD-ADIS16489 Datasheet
992Kb / 40P
Seven Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com