Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488 Datasheet(PDF) 12 Page - Analog Devices

Part # ADIS16488
Description  Ten Degrees of Freedom Inertial Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADIS16488 Datasheet HTML 8Page - Analog Devices ADIS16488 Datasheet HTML 9Page - Analog Devices ADIS16488 Datasheet HTML 10Page - Analog Devices ADIS16488 Datasheet HTML 11Page - Analog Devices ADIS16488 Datasheet HTML 12Page - Analog Devices ADIS16488 Datasheet HTML 13Page - Analog Devices ADIS16488 Datasheet HTML 14Page - Analog Devices ADIS16488 Datasheet HTML 15Page - Analog Devices ADIS16488 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
ADIS16488
Data Sheet
Rev. B | Page 12 of 36
Name
R/W
Flash
PAGE_ID
Address
Default
Register Description
Format
XG_BIAS_LOW
R/W
Yes
0x02
0x10
0x0000
Calibration, offset, gyroscope, x-axis, low word
Table 67
XG_BIAS_HIGH
R/W
Yes
0x02
0x12
0x0000
Calibration, offset, gyroscope, x-axis, high word
Table 64
YG_BIAS_LOW
R/W
Yes
0x02
0x14
0x0000
Calibration, offset, gyroscope, y-axis, low word
Table 68
YG_BIAS_HIGH
R/W
Yes
0x02
0x16
0x0000
Calibration, offset, gyroscope, y-axis, high word
Table 65
ZG_BIAS_LOW
R/W
Yes
0x02
0x18
0x0000
Calibration, offset, gyroscope, z-axis, low word
Table 69
ZG_BIAS_HIGH
R/W
Yes
0x02
0x1A
0x0000
Calibration, offset, gyroscope, z-axis, high word
Table 66
XA_BIAS_LOW
R/W
Yes
0x02
0x1C
0x0000
Calibration, offset, accelerometer, x-axis, low word
Table 78
XA_BIAS_HIGH
R/W
Yes
0x02
0x1E
0x0000
Calibration, offset, accelerometer, x-axis, high word
Table 75
YA_BIAS_LOW
R/W
Yes
0x02
0x20
0x0000
Calibration, offset, accelerometer, y-axis, low word
Table 79
YA_BIAS_HIGH
R/W
Yes
0x02
0x22
0x0000
Calibration, offset, accelerometer, y-axis, high word
Table 76
ZA_BIAS_LOW
R/W
Yes
0x02
0x24
0x0000
Calibration, offset, accelerometer, z-axis, low word
Table 80
ZA_BIAS_HIGH
R/W
Yes
0x02
0x26
0x0000
Calibration, offset, accelerometer, z-axis, high word
Table 77
HARD_IRON_X
R/W
Yes
0x02
0x28
0x0000
Calibration, hard iron, magnetometer, x-axis
Table 84
HARD_IRON_Y
R/W
Yes
0x02
0x2A
0x0000
Calibration, hard iron, magnetometer, y-axis
Table 85
HARD_IRON_Z
R/W
Yes
0x02
0x2C
0x0000
Calibration, hard iron, magnetometer, z-axis
Table 86
SOFT_IRON_S11
R/W
Yes
0x02
0x2E
0x0000
Calibration, soft iron, magnetometer, S11
Table 88
SOFT_IRON_S12
R/W
Yes
0x02
0x30
0x0000
Calibration, soft iron, magnetometer, S12
Table 89
SOFT_IRON_S13
R/W
Yes
0x02
0x32
0x0000
Calibration, soft iron, magnetometer, S13
Table 90
SOFT_IRON_S21
R/W
Yes
0x02
0x34
0x0000
Calibration, soft iron, magnetometer, S21
Table 91
SOFT_IRON_S22
R/W
Yes
0x02
0x36
0x0000
Calibration, soft iron, magnetometer, S22
Table 92
SOFT_IRON_S23
R/W
Yes
0x02
0x38
0x0000
Calibration, soft iron, magnetometer, S23
Table 93
SOFT_IRON_S31
R/W
Yes
0x02
0x3A
0x0000
Calibration, soft iron, magnetometer, S31
Table 94
SOFT_IRON_S32
R/W
Yes
0x02
0x3C
0x0000
Calibration, soft iron, magnetometer, S32
Table 95
SOFT_IRON_S33
R/W
Yes
0x02
0x3E
0x0000
Calibration, soft iron, magnetometer, S33
Table 96
BR_BIAS_LOW
R/W
Yes
0x02
0x40
0x0000
Calibration, offset, barometer, low word
Table 99
BR_BIAS_HIGH
R/W
Yes
0x02
0x42
0x0000
Calibration, offset, barometer, high word
Table 98
Reserved
N/A
N/A
0x02
0x44 to 0x72
N/A
Reserved
N/A
USER_SCR_1
R/W
Yes
0x02
0x74
0x0000
User Scratch Register 1
Table 120
USER_SCR_2
R/W
Yes
0x02
0x76
0x0000
User Scratch Register 2
Table 121
USER_SCR_3
R/W
Yes
0x02
0x78
0x0000
User Scratch Register 3
Table 122
USER_SCR_4
R/W
Yes
0x02
0x7A
0x0000
User Scratch Register 4
Table 123
FLSHCNT_LOW
R
Yes
0x02
0x7C
N/A
Diagnostic, flash memory count, low word
Table 115
FLSHCNT_HIGH
R
Yes
0x02
0x7E
N/A
Diagnostic, flash memory count, high word
Table 116
PAGE_ID
R/W
No
0x03
0x00
0x0000
Page identifier
N/A
GLOB_CMD
W
No
0x03
0x02
N/A
Control, global commands
Table 114
Reserved
N/A
N/A
0x03
0x04
N/A
Reserved
N/A
FNCTIO_CTRL
R/W
Yes
0x03
0x06
0x000D
Control, I/O pins, functional definitions
Table 117
GPIO_CTRL
R/W
Yes
0x03
0x08
0x00X01
Control, I/O pins, general purpose
Table 118
CONFIG
R/W
Yes
0x03
0x0A
0x00C0
Control, clock, and miscellaneous correction
Table 74
DEC_RATE
R/W
Yes
0x03
0x0C
0x0000
Control, output sample rate decimation
Table 55
NULL_CNFG
R/W
Yes
0x03
0x0E
0x070A
Control, automatic bias correction configuration
Table 70
SLP_CNT
R/W
No
0x03
0x10
N/A
Control, power-down/sleep mode
Table 119
Reserved
N/A
N/A
0x03
0x12 to 0x14
N/A
Reserved
N/A
FILTR_BNK_0
R/W
Yes
0x03
0x16
0x0000
Filter selection
Table 57
FILTR_BNK_1
R/W
Yes
0x03
0x18
0x0000
Filter selection
Table 58
Reserved
N/A
N/A
0x03
0x1A to 0x1E
N/A
Reserved
N/A
ALM_CNFG_0
R/W
Yes
0x03
0x20
0x0000
Alarm configuration
Table 110
ALM_CNFG_1
R/W
Yes
0x03
0x22
0x0000
Alarm configuration
Table 111
ALM_CNFG_2
R/W
Yes
0x03
0x24
0x0000
Alarm configuration
Table 112
Reserved
N/A
N/A
0x03
0x26
N/A
Reserved
N/A
XG_ALM_MAGN
R/W
Yes
0x03
0x28
0x0000
Alarm, x-axis gyroscope threshold setting
Table 100
YG_ALM_MAGN
R/W
Yes
0x03
0x2A
0x0000
Alarm, y-axis gyroscope threshold setting
Table 101
ZG_ALM_MAGN
R/W
Yes
0x03
0x2C
0x0000
Alarm, z-axis gyroscope threshold setting
Table 102


Similar Part No. - ADIS16488

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16488BMLZ AD-ADIS16488BMLZ Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16488CMLZ AD-ADIS16488CMLZ Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
More results

Similar Description - ADIS16488

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
Rev. E
ADIS16489 AD-ADIS16489 Datasheet
992Kb / 40P
Seven Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com