Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488 Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16488
Description  Ten Degrees of Freedom Inertial Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16488 Datasheet HTML 10Page - Analog Devices ADIS16488 Datasheet HTML 11Page - Analog Devices ADIS16488 Datasheet HTML 12Page - Analog Devices ADIS16488 Datasheet HTML 13Page - Analog Devices ADIS16488 Datasheet HTML 14Page - Analog Devices ADIS16488 Datasheet HTML 15Page - Analog Devices ADIS16488 Datasheet HTML 16Page - Analog Devices ADIS16488 Datasheet HTML 17Page - Analog Devices ADIS16488 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
ADIS16488
Data Sheet
Rev. B | Page 14 of 36
OUTPUT DATA REGISTERS
After the ADIS16488 completes its start-up process, the PAGE_ID
register contains 0x0000, which sets Page 0 as the active page
for SPI access. Page 0 contains the output data, real-time clock,
status, and product identification registers.
INERTIAL SENSOR DATA FORMAT
The gyroscope, accelerometer, delta angle, delta velocity, and
barometer output data registers use a 32-bit, twos complement
format. Each output uses two registers to support this resolution.
Figure 18 provides an example of how each register contributes
to each inertial measurement. In this case, X_GYRO_OUT is
the most significant word (upper 16 bits), and X_GYRO_LOW is
the least significant word (lower 16 bits). In many cases, using
the most significant word registers alone provide sufficient
resolution for preserving key performance metrics.
X-AXIS GYROSCOPE DATA
0 15
15
0
X_GYRO_OUT
X_GYRO_LOW
Figure 18. Gyroscope Output Format Example, DEC_RATE > 0
The arrows in Figure 19 describe the direction of the motion,
which produces a positive output response in each sensor’s
output register. The accelerometers respond to both dynamic
and static forces associated with acceleration, including gravity.
When lying perfectly flat, as shown in Figure 19, the z-axis
accelerometer output is 1 g, and the x and y accelerometers are 0 g.
ROTATION RATE (GYROSCOPE)
The registers that use the x_GYRO_OUT format are the primary
registers for the gyroscope measurements (see Table 10, Table 11,
and Table 12). When processing data from these registers, use
a 16-bit, twos complement data format. Table 13 provides
x_GYRO_OUT digital coding examples.
Table 10. X_GYRO_OUT (Page 0, Base Address = 0x12)
Bits
Description
[15:0]
X-axis gyroscope data; twos complement,
±450°/sec range, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
Table 11. Y_GYRO_OUT (Page 0, Base Address = 0x16)
Bits
Description
[15:0]
Y-axis gyroscope data; twos complement,
±450°/sec range, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
Table 12. Z_GYRO_OUT (Page 0, Base Address = 0x1A)
Bits
Description
[15:0]
Z-axis gyroscope data; twos complement,
±450°/sec range, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
Table 13. x_GYRO_OUT Data Format Examples
Rotation Rate
Decimal
Hex
Binary
+450°/sec
+22,500
0x57E4
0101 0111 1110 0100
+0.04/sec
+2
0x0002
0000 0000 0000 0010
+0.02°/sec
+1
0x0001
0000 0000 0000 0001
0°/sec
0
0x0000
0000 0000 0000 0000
−0.02°/sec
−1
0xFFFF
1111 1111 1111 1111
−0.04°/sec
−2
0xFFFE
1111 1111 1111 1110
−450°/sec
−22,500
0xA81C
1010 1000 0001 1100
The registers that use the x_GYRO_LOW naming format provide
additional resolution for the gyroscope measurements (see
Table 14, Table 15, and Table 16). The MSB has a weight of
0.01°/sec, and each subsequent bit has ½ the weight of the
previous one.
Table 14. X_GYRO_LOW (Page 0, Base Address = 0x10)
Bits
Description
[15:0]
X-axis gyroscope data; additional resolution bits
Table 15. Y_GYRO_LOW (Page 0, Base Address = 0x14)
Bits
Description
[15:0]
Y-axis gyroscope data; additional resolution bits
Table 16. Z_GYRO_LOW (Page 0, Base Address = 0x18)
Bits
Description
[15:0]
Z-axis gyroscope data; additional resolution bits
PIN 1
PIN 23
aY
mY
gY
Y-AXIS
gX
X-AXIS
aX
mX
Z-AXIS
aZ
mZ
gZ
Figure 19. Inertial Sensor Direction Reference Diagram


Similar Part No. - ADIS16488

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16488BMLZ AD-ADIS16488BMLZ Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16488CMLZ AD-ADIS16488CMLZ Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
More results

Similar Description - ADIS16488

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
Rev. E
ADIS16489 AD-ADIS16489 Datasheet
992Kb / 40P
Seven Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com