Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488 Datasheet(PDF) 25 Page - Analog Devices

Part # ADIS16488
Description  Ten Degrees of Freedom Inertial Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADIS16488 Datasheet HTML 21Page - Analog Devices ADIS16488 Datasheet HTML 22Page - Analog Devices ADIS16488 Datasheet HTML 23Page - Analog Devices ADIS16488 Datasheet HTML 24Page - Analog Devices ADIS16488 Datasheet HTML 25Page - Analog Devices ADIS16488 Datasheet HTML 26Page - Analog Devices ADIS16488 Datasheet HTML 27Page - Analog Devices ADIS16488 Datasheet HTML 28Page - Analog Devices ADIS16488 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Data Sheet
ADIS16488
Rev. B | Page 25 of 36
Hard-Iron Correction
Table 84, Table 85, and Table 86 describe the register format
for the hard-iron correction factors: HX, HY, and HZ. These
registers use a twos complement format. Table 87 provides
some numerical examples for converting the digital codes
for these registers into their decimal equivalent.
Table 84. HARD_IRON_X (Page 2, Base Address = 0x28)
Bits
Description (Default = 0x0000)
[15:0]
X-axis magnetometer hard-iron correction factor, HX
Twos complement, ±3.2767 gauss range,
0.1 mgauss/LSB, 0 gauss = 0x0000 (see Table 87)
Table 85. HARD_IRON_Y (Page 2, Base Address = 0x2A)
Bits
Description (Default = 0x0000)
[15:0]
Y-axis magnetometer hard-iron correction factor, HY
Twos complement, ±3.2767 gauss range,
0.1 mgauss/LSB, 0 gauss = 0x0000 (see Table 87)
Table 86. HARD_IRON_Z (Page 2, Base Address = 0x2C)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis magnetometer hard-iron correction factor, Hz
Twos complement, ±3.2767 gauss range,
0.1 mgauss/LSB, 0 gauss = 0x0000 (see Table 87)
Table 87. x_MAGN_OUT Data Format Examples
Magnetic Field
Decimal
Hex
Binary
+3.2767 gauss
+32,767
0x7FFF
0111 1111 1111 1111
+0.2 mgauss
+2
0x0002
0000 0000 0000 0010
+0.1 mgauss
+1
0x0001
0000 0000 0000 0001
0 gauss
0
0x0000
0000 0000 0000 0000
−0.1 mgauss
−1
0xFFFF
1111 1111 1111 1111
−0.2 mgauss
−2
0xFFFE
1111 1111 1111 1110
−3.2768 gauss
−32,768
0x8000
1000 0000 0000 0000
Soft-Iron Correction Matrix
The soft-iron correction matrix contains correction factors for
both sensitivity (S11, S22, S33) and alignment (S12, S13, S21, S23, S31,
S32). The registers that represent each soft-iron correction factor
are in Table 88 (S11), Table 89 (S12), Table 90 (S13), Table 91 (S21),
Table 92 (S22), Table 93 (S23), Table 94 (S31), Table 95 (S32), and
Table 96 (S33). Table 97 offers some numerical examples for
converting between the digital codes and their effect on the
magnetometer output, in terms of percent-change.
Table 88. SOFT_IRON_S11 (Page 2, Base Address = 0x2E)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft-iron correction factor, S11
Twos complement format, see Table 97 for examples
Table 89. SOFT_IRON_S12 (Page 2, Base Address = 0x30)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft-iron correction factor, S12
Twos complement format, see Table 97 for examples
Table 90. SOFT_IRON_S13 (Page 2, Base Address = 0x32)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft-iron correction factor, S13
Twos complement format, see Table 97 for examples
Table 91. SOFT_IRON_S21 (Page 2, Base Address = 0x34)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft-iron correction factor, S21
Twos complement format, see Table 97 for examples
Table 92. SOFT_IRON_S22 (Page 2, Base Address = 0x36)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft-iron correction factor, S22
Twos complement format, see Table 97 for examples
Table 93. SOFT_IRON_S23 (Page 2, Base Address = 0x38)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft-iron correction factor, S23
Twos complement format, see Table 97 for examples
Table 94. SOFT_IRON_S31 (Page 2, Base Address = 0x3A)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft-iron correction factor, S31
Twos complement format, see Table 97 for examples
Table 95. SOFT_IRON_S32 (Page 2, Base Address = 0x3C)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft-iron correction factor, S32
Twos complement format, see Table 97 for examples
Table 96. SOFT_IRON_S33 (Page 2, Base Address = 0x3E)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft-iron correction factor, S33
Twos complement format, see Table 97 for examples
Table 97. Soft Iron Correction, Numerical Examples
Delta (%)
Decimal
Hex
Binary
+100 – 1/216
+32,767
0x7FFF
0111 1111 1111 1111
+200/215
+2
0x0002
0000 0000 0000 0010
+100/215
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−100/215
−1
0xFFFF
1111 1111 1111 1111
−200/215
−2
0xFFFE
1111 1111 1111 1110
−100
−32,768
0x8000
1000 0000 0000 0000


Similar Part No. - ADIS16488

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16488BMLZ AD-ADIS16488BMLZ Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16488CMLZ AD-ADIS16488CMLZ Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
More results

Similar Description - ADIS16488

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
Rev. E
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16489 AD-ADIS16489 Datasheet
992Kb / 40P
Seven Degrees of Freedom Inertial Sensor
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
Four Degrees of Freedom Inertial Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com