Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488 Datasheet(PDF) 27 Page - Analog Devices

Part # ADIS16488
Description  Ten Degrees of Freedom Inertial Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADIS16488 Datasheet HTML 23Page - Analog Devices ADIS16488 Datasheet HTML 24Page - Analog Devices ADIS16488 Datasheet HTML 25Page - Analog Devices ADIS16488 Datasheet HTML 26Page - Analog Devices ADIS16488 Datasheet HTML 27Page - Analog Devices ADIS16488 Datasheet HTML 28Page - Analog Devices ADIS16488 Datasheet HTML 29Page - Analog Devices ADIS16488 Datasheet HTML 30Page - Analog Devices ADIS16488 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Data Sheet
ADIS16488
Rev. B | Page 27 of 36
ALARMS
Each sensor has an independent alarm function that provides
controls for alarm magnitude, polarity, and enabling a dynamic
rate-of-change option. The ALM_STS register (see Table 49)
contains the alarm output flags and the FNCTIO_CTRL register
(see Table 117) provides an option for configuring one of the
digital I/O lines as an alarm indicator.
STATIC ALARM USE
The static alarm setting compares each sensor’s output with the
trigger settings in the xx_ALM_MAGN registers (see Table 100,
Table 101, Table 102, Table 103, Table 104, Table 105, Table 106,
Table 107, Table 108, and Table 109) of that sensor. The polarity
controls for each alarm are in the ALM_CNFG_x registers (see
Table 110, Table 111, Table 112). The polarity establishes
whether greater than or less than produces an alarm condition.
The comparison between the xx_ALM_MAGN value and the
output data only applies to the upper word or 16 bits of the
output data.
DYNAMIC ALARM USE
The dynamic alarm setting provides the option of comparing the
change in each sensor’s output over a period of 48.7 ms with that
sensor’s xx_ALM_MAGN register.
Table 100. XG_ALM_MAGN (Page 3, Base Address = 0x28)
Bits
Description (Default = 0x0000)
[15:0]
X-axis gyroscope alarm threshold settings,
Twos complement, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
Table 101. YG_ALM_MAGN (Page 3, Base Address = 0x2A)
Bits
Description (Default = 0x0000)
[15:0]
Y-axis gyroscope alarm threshold settings,
Twos complement, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
Table 102. ZG_ALM_MAGN (Page 3, Base Address = 0x2C)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis gyroscope alarm threshold settings,
Twos complement, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
Table 103. XA_ALM_MAGN (Page 3, Base Address = 0x2E)
Bits
Description (Default = 0x0000)
[15:0]
X-axis accelerometer alarm threshold settings,
Twos complement, 0 g = 0x0000, 1 LSB = 0.8 mg
Table 104. YA_ALM_MAGN (Page 3, Base Address = 0x30)
Bits
Description (Default = 0x0000)
[15:0]
Y-axis accelerometer alarm threshold settings,
Twos complement, 0 g = 0x0000, 1 LSB = 0.8 mg
Table 105. ZA_ALM_MAGN (Page 3, Base Address = 0x32)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis accelerometer alarm threshold settings,
Twos complement, 0 g = 0x0000, 1 LSB = 0.8 mg
Table 106. XM_ALM_MAGN (Page 3, Base Address = 0x34)
Bits
Description (Default = 0x0000)
[15:0]
X-axis magnetometer alarm threshold settings,
Twos complement, 0 gauss = 0x0000,
1 LSB = 0.1 mgauss
Table 107. YM_ALM_MAGN (Page 3, Base Address = 0x36)
Bits
Description (Default = 0x0000)
[15:0]
Y-axis magnetometer alarm threshold settings,
Twos complement, 0 gauss = 0x0000,
1 LSB = 0.1 mgauss
Table 108. ZM_ALM_MAGN (Page 3, Base Address = 0x38)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis magnetometer alarm threshold settings,
Twos complement, 0 gauss = 0x0000,
1 LSB = 0.1 mgauss
Table 109. BR_ALM_MAGN (Page 3, Base Address = 0x3A)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis barometer alarm threshold settings,
Twos complement, 0 bar = 0x0000, 1 LSB = 40 µbar
Table 110. ALM_CNFG_0 (Page 3, Base Address = 0x20)
Bits
Description (Default = 0x0000)
15
X-axis accelerometer alarm (1 = enabled)
14
Not used
13
X-axis accelerometer alarm polarity (1 = greater than)
12
X-axis accelerometer dynamic enable (1 = enabled)
11
Z-axis gyroscope alarm (1 = enabled)
10
Not used
9
Z-axis gyroscope alarm polarity (1 = greater than)
8
Z-axis gyroscope dynamic enable (1 = enabled)
7
Y-axis gyroscope alarm (1 = enabled)
6
Not used
5
Y-axis gyroscope alarm polarity (1 = greater than)
4
Y-axis gyroscope dynamic enable (1 = enabled)
3
X-axis gyroscope alarm (1 = enabled)
2
Not used
1
X-axis gyroscope alarm polarity (1 = greater than)
0
X-axis gyroscope dynamic enable (1 = enabled)


Similar Part No. - ADIS16488

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16488BMLZ AD-ADIS16488BMLZ Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16488CMLZ AD-ADIS16488CMLZ Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
More results

Similar Description - ADIS16488

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
Rev. E
ADIS16489 AD-ADIS16489 Datasheet
992Kb / 40P
Seven Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com