Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488 Datasheet(PDF) 3 Page - Analog Devices

Part # ADIS16488
Description  Ten Degrees of Freedom Inertial Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488 Datasheet(HTML) 3 Page - Analog Devices

  ADIS16488 Datasheet HTML 1Page - Analog Devices ADIS16488 Datasheet HTML 2Page - Analog Devices ADIS16488 Datasheet HTML 3Page - Analog Devices ADIS16488 Datasheet HTML 4Page - Analog Devices ADIS16488 Datasheet HTML 5Page - Analog Devices ADIS16488 Datasheet HTML 6Page - Analog Devices ADIS16488 Datasheet HTML 7Page - Analog Devices ADIS16488 Datasheet HTML 8Page - Analog Devices ADIS16488 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
ADIS16488
Rev. B | Page 3 of 36
SPECIFICATIONS
TA = 25°C, VDD = 3.3 V, angular rate = 0°/sec, dynamic range = ±450°/sec ± 1 g, 300 mbar to 1100 mbar, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
GYROSCOPES
Dynamic Range
±450
±480
°/sec
Sensitivity
x_GYRO_OUT and x_GYRO_LOW (32-bit)
3.052 × 10−7
°/sec/LSB
Initial Sensitivity Tolerance
±1
%
Sensitivity Temperature Coefficient
−40°C ≤ TA ≤ +70°C, 1 σ
±35
ppm/°C
Misalignment
Axis-to-axis
±0.05
Degrees
Axis-to-frame (package)
±1.0
Degrees
Nonlinearity
Best-fit straight line, FS = 450°/sec
0.01
% of FS
Initial Bias Error
1 σ
±0.2
°/sec
In-Run Bias Stability
1 σ
6.25
°/hr
Angular Random Walk
1 σ
0.3
°/√hr
Bias Temperature Coefficient
−40°C ≤ TA ≤ +70°C, 1 σ
±0.0025
°/sec/°C
Linear Acceleration Effect on Bias
Any axis, 1 σ (CONFIG[7] = 1)
0.009
°/sec/g
Output Noise
No filtering
0.16
°/sec rms
Rate Noise Density
f = 25 Hz, no filtering
0.0066
°/sec/√Hz rms
3 dB Bandwidth
330
Hz
Sensor Resonant Frequency
18
kHz
ACCELEROMETERS
Each axis
Dynamic Range
±18
g
Sensitivity
x_ACCL_OUT and x_ACCL_LOW (32-bit)
1.221 × 10−8
g/LSB
Initial Sensitivity Tolerance
±0.5
%
Sensitivity Temperature Coefficient
−40°C ≤ TA ≤ +85°C, 1 σ
±25
ppm/°C
Misalignment
Axis-to-axis
±0.035
Degrees
Axis-to-frame (package)
±1.0
Degrees
Nonlinearity
Best-fit straight line, ±10 g
0.1
% of FS
Best-fit straight line, ±18 g
0.5
% of FS
Initial Bias Error
1 σ
±16
mg
In-Run Bias Stability
1 σ
0.1
mg
Velocity Random Walk
1 σ
0.029
m/sec/√hr
Bias Temperature Coefficient
−40°C ≤ TA ≤ +85°C
±0.1
mg/°C
Output Noise
No filtering
1.5
mg rms
Noise Density
f = 25 Hz, no filtering
0.067
mg/√Hz rms
3 dB Bandwidth
330
Hz
Sensor Resonant Frequency
5.5
kHz
MAGNETOMETER
Dynamic Range
±2.5
gauss
Sensitivity
0.1
mgauss/LSB
Initial Sensitivity Tolerance
±2
%
Sensitivity Temperature Coefficient
1 σ
275
ppm/°C
Misalignment
Axis to axis
0.25
Degrees
Axis to frame (package)
0.5
Degrees
Nonlinearity
Best fit straight line
0.5
% of FS
Initial Bias Error
0 gauss stimulus
±15
mgauss
Bias Temperature Coefficient
−40°C ≤ TA ≤ +85°C, 1 σ
0.3
mgauss/°C
Output Noise
No filtering
0.45
mgauss
Noise Density
f = 25 Hz, no filtering
0.054
mgauss/√Hz
3 dB Bandwidth
330
Hz


Similar Part No. - ADIS16488

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16488BMLZ AD-ADIS16488BMLZ Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16488CMLZ AD-ADIS16488CMLZ Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
More results

Similar Description - ADIS16488

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
Rev. E
ADIS16489 AD-ADIS16489 Datasheet
992Kb / 40P
Seven Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com