Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA16XXKW Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MMA16XXKW
Description  DSI Inertial Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA16XXKW Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MMA16XXKW Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
Sensors
22
Freescale Semiconductor, Inc.
MMA16xxKW
3.5.3.2
Low-Pass Filter
Data from the Sinc filter is processed by an infinite impulse response (IIR) low-pass filter.
The device provides the option for one of three low-pass filters. The filter is selected with the LPF[1:0] bits in the TYPE register.
The filter selection options are listed in Section 3.1.2.1, Table 8. Response parameters for the low-pass filter are specified in
Section 2.8. Filter characteristics are illustrated in the figures below.
Note: Low-Pass Filter Figures do not include g-cell frequency response.
Table 8. Low-Pass Filter Coefficients
Description
Filter Coefficients
Group Delay
180 Hz LPF
a0
0.000534069200512
4608/fosc
n11
0.25
d11
1
n12
0.499999985098839
d12 -1.959839582443237
n13
0.25
d13 0.960373640060425
n21
1d21
1
n22
0d22
0
n23
0d23
0
400 Hz LPF
a0
0.003135988372378
3392/fosc
n11
0.000999420881271
d11
1.0
n12
0.001998946070671
d12 -1.892452478408814
n13
0.000999405980110
d13
0.89558845758438
n21
0.250004753470421
d21
1.0
n22
0.499986037611961
d22 -1.919075012207031
n23
0.250009194016457
d23 0.923072755336761
800 Hz LPF
a0
0.011904109735042
1728/fosc
n11
0.003841564059258
d11
1.0
n12
0.007683292031288
d12 -1.790004611015320
n13
0.003841534256935
d13 0.801908731460571
n21
0.250001862645149
d21
1.0
n22
0.499994158744812
d22 -1.836849451065064
n23
0.250003993511200
d23 0.852215826511383
Hz
()
a
0
n
11
z0
()
n
12
z 1
()
n
13
z 2
()
++
d
11
z0
()
d
12
z 1
()
d
13
z 2
()
++
--------------------------------------------------------------------------------------------
n
21
z0
()
n
22
z 1
()
n
23
z 2
()
++
d
11
z0
()
d
22
z 1
()
d
23
z 2
()
++
--------------------------------------------------------------------------------------------
⋅⋅
=


Similar Part No. - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
More results

Similar Description - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com