Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA16XXKW Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MMA16XXKW
Description  DSI Inertial Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA16XXKW Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MMA16XXKW Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
Sensors
26
Freescale Semiconductor, Inc.
MMA16xxKW
3.5.3.3
Compensation
The device includes internal compensation circuitry to compensate for sensor offset, sensitivity and non-linearity.
3.5.3.4
Data Interpolation
The device includes 16 to 1 linear data interpolation to minimize the system sample jitter. Each result produced by the digital
signal processing chain is delayed one sample time. On reception of an acceleration data request, the transmitted data is inter-
polated from the two previous samples, resulting in a latency of one sample time, and a maximum signal jitter of ±1/16 of a sample
time. Reference Figure 8 for more information regarding interpolation and data latency.
3.5.3.5
Output Scaling
The 26 bit digital output from the DSP is clipped and scaled to a 10-bit or 8-Bit word which covers the acceleration range of
the device. Figure 18 shows the method used to establish the acceleration data word from the 26-bit DSP output.
Figure 18. Output Scaling Diagram
3.5.3.6
PCM Output Function
The device provides the option for a PCM output function. The PCM output is activated if the PCM bit is set in the DEVCFG2
register. When the PCM function is enabled, a 4 MHz Pulse Code Modulated signal proportional to the upper 9 bits of the accel-
eration response is output onto the PCM pin. The PCM output is intended for test use only. A block diagram of the PCM output
is shown in Figure 19.
Figure 19. PCM Output Function Block Diagram
Over Range
Signal
Noise
Margin
D25 D24 D23 D22 D21 D20 D19 D18 D17 D16 D15 D14 D13 D12 D11 D10
D9
D8
...
D2
D1
D0
10-Bit Data Word
D21 D20 D19 D18 D17 D16 D15 D14 D13 D12
Using Truncation
9-Bit Data Word
D21 D20 D19 D18 D17 D16 D15 D14 D13
Using Truncation
8-Bit Data Word
D21 D20 D19 D18 D17 D16 D15 D14
Using Truncation
Output Scaling
D_x[9:1]
A
9 Bit ADDER
PCM
B
CARRY
SUM
fCLK = 4 MHz
Sample updated every 16
μS
9
9
9
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q


Similar Part No. - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
More results

Similar Description - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
   Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com