Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA16XXKW Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MMA16XXKW
Description  DSI Inertial Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA16XXKW Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MMA16XXKW Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
Sensors
28
Freescale Semiconductor, Inc.
MMA16xxKW
3.7
Overload Response
3.7.1
Overload Performance
The device is designed to operate within a specified range. However, acceleration beyond that range (overload) impacts the
operating range output of the sensor. Acceleration beyond the range of the device can generate a DC shift at the output of the
device that is dependent upon the overload frequency and amplitude. The device g-cell is overdamped, providing the optimal
design for overload performance. However, the performance of the device during an overload condition is affected by many other
parameters, including:
• g-cell damping
• Non-linearity
• Clipping limits
• Symmetry
Figure 21 shows the g-cell, Sigma Delta, and output clipping of the device over frequency. The relevant parameters are spec-
ified in Section 2.
Figure 21. Output Clipping Vs. Frequency
3.7.2
Sigma Delta Overrange Response
Overrange conditions exist when the signal level is beyond the full-scale range of the device but within the computational limits
of the DSP. The
ΣΔ converter can saturate at levels above those specified in Section 2 (GADC_CLIP). The DSP operates predict-
ably under all cases of overrange, although the signal may include residual high frequency components for some time after re-
turning to the normal range of operation due to non-linear effects of the sensor.
5kHz
fg-Cell
fLPF
gADC_Clip
gg-cell_Clip
Determined by g-cell
10kHz
g-cellRolloff
Acceleration (g)
Frequency (kHz)
LPFRolloff
Reg
ion
Clip
ped
by g
-ce
ll
Reg
ion
Clip
ped
by A
DC
Reg
ion
of S
igna
l Di
stor
tion
due
to
Asy
mm
etry
and
Non
-Lin
ear
ity
Region of No Signal Distortion Beyond
Specification
Region of Interest
roll-off and ADC clipping
gRange_Norm
Determined by g-cell
roll-off and full-scale range
Region Clipped
by Output


Similar Part No. - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
More results

Similar Description - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com