Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA16XXKW Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MMA16XXKW
Description  DSI Inertial Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA16XXKW Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MMA16XXKW Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
Sensors
30
Freescale Semiconductor, Inc.
MMA16xxKW
4.2.1.1
Initialization Command
The initialization command conforms to the description provided in Section 6.1.1 of the DSI Bus Standard V2.5. The initializa-
tion command is only supported as a standard long command. No other commands are recognized by the device until a valid
standard long initialization command is received.
Figure 22 illustrates the sequence of operations performed following negation of internal power-on reset (POR) and execution
of a DSI Initialization command. The BUSOUT node is tested for a bus short to high voltage condition, and the bus fault (BF) flag
is set if an error condition is detected. If no bus fault condition is detected and the BS bit is set in the Initialization command mes-
sage, the bus switch will be closed. The device implements a blanking time (tDSI_BLANK_INIT) to allow for the bus voltage to re-
cover following closure of the bus switch.
If the device has been preprogrammed, PA[3:0] and A[3:0] must match the preprogrammed address.
If no device address has been previously programmed into the OTP array, PA[3:0] contains the device address, and A[3:0]
must be zero. If either addressing condition is not met, the device address is not assigned, the bus switch will remain open and
the device will not respond to the Initialization command. If the addressing conditions are met, the new device address is as-
signed to A[3:0]. Once the device address is assigned, the new address (A[3:0]) is not protected by the User Programmable OTP
Array CRC Verification. The User Programmable OTP array CRC is calculated and verified using the OTP programmed values
of A[3:0] = ‘0000’.
Once initialized, the device will no longer recognize or respond to Initialization commands.
Table 12. Initialization Command
Data
Address
Command
CRC
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
A[3]
A[2]
A[1]
A[0]
C[3]
C[2]
C[1]
C[0]
NV
BS
Bnk[1]
Bnk[0]
PA[3]
PA[2]
PA[1]
PA[0]
A[3]
A[2]
A[1]
A[0]
0000
4 bits
Table 13. Initialization Command Bit Definitions
Bit Field
Definition
C[3:0]
Initialization Command = ‘0000’
A[3:0]
DSI device address. This address is set to the preprogrammed device address following reset, or to ‘0000’ if no preprogrammed address
has been assigned.
PA[3:0]
DSI Address to be programmed.
Bnk[1:0]
These bits select the bank address for the user writable data registers. Bank selection affects the Read/Write NVM command operation.
Invalid combinations of B1 and B0 result in no response from the device to the associated initialization. Refer to Section 4.2.1.10 for fur-
ther details regarding register programming and bank selection.
BS
Bus Switch state. This bit controls the state of the DSI bus switch.
1 - Close the bus switch.
0 - Do not close the bus switch.
NV
NVM Program Enable. This bit enables programming of the user-programmed OTP locations. Data to be programmed is transferred to the
device during subsequent Read Write NVM commands.
1 - Enable OTP programming
0 - Disable OTP programming
Table 14. Initialization Command Response
Response
CRC
D[15]
D[14]
D[13]
D[12]
D[11]
D[10]
D[9]
D[8]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
PA[3]
PA[2]
PA[1]
PA[0]
0
0
0
BF
NV
BS
Bnk[1]
Bnk[0]
PA[3]
PA[2]
PA[1]
PA[0]
4 bits


Similar Part No. - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
More results

Similar Description - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
   Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com