![]() |
Electronic Components Datasheet Search |
|
MMA16XXKW Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc |
|
|
MMA16XXKW Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc |
31 / 45 page ![]() Sensors Freescale Semiconductor, Inc. 31 MMA16xxKW Figure 22. Initialization Sequence Table 15. Initialization Response Bit Definitions Bit Field Definition PA[3:0] DSI device address. This field contains the device address. If the device is unprogrammed when the initialization command is issued, the device address is assigned. This field contains the programmed address. An Initialization command which attempts to assign a device address of zero is ignored. Bnk[1:0] These bits select the bank address for the user writable data registers. Bank selection affects the Read/Write NVM command operation. Invalid combinations of B1 and B0 result in no response from the device to the associated initialization. Refer to Section 4.2.1.10 for fur- ther details regarding register programming and bank selection. BS Bus Switch state. This bit controls the state of the bus switch: 1 - Close the bus switch 0 - Do not close the bus switch NV NVM Program Enable. This bit indicates if programming of the user-accessible OTP is enabled. 1 - OTP programming Enabled 0 - OTP programming Disabled BF This bit indicates the success or failure of the bus test performed as part of the Initialization command. 1 - Bus fault detected 0 - Bus test passed INITIALIZATION COMMAND? ENABLE IRESP CURRENT BS == 1? WAIT FOR NEXT DSI BUS COMMAND Y N Y N Delay tBUSOUT_DISCHARGE MEASURE VBUSOUT Y N VBUSOUT < VTHH? SET BF FLAG CLOSE BUS SWITCH DELAY |
Similar Part No. - MMA16XXKW |
|
Similar Description - MMA16XXKW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |