Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA16XXKW Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MMA16XXKW
Description  DSI Inertial Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA16XXKW Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MMA16XXKW Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
Sensors
32
Freescale Semiconductor, Inc.
MMA16xxKW
4.2.1.2
Request Status Command
The Request Status command is supported in the following command formats:
• Standard Long Command
• Standard Short Command
• Enhanced Long Command as configured by the Format Control Command (Reference Section 4.2.1.11)
• Enhanced Short Command as configured by the Format Control Command (Reference Section 4.2.1.11)
The device ignores the Request Status command if the DSI device address is set to the DSI Global Device Address of ‘0000’.
The data bits D[7:0] in the command are only used in the CRC calculation.
Table 16. Request Status Command
Data
Address
Command
CRC
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
A[3]
A[2]
A[1]
A[0]
C[3]
C[2]
C[1]
C[0]
A[3]
A[2]
A[1]
A[0]
0001
0 to 8 bits
Table 17. Request Status Command Bit Definitions
Bit Field
Definition
C[3:0]
Request Status Command = ‘0001’
A[3:0]
DSI device address. This field contains the device address. This field must match the internal programmed address field. Otherwise, the
command is ignored.
D[7:0]
Used for CRC calculation only
Table 18. Short Response - Request Status Command
Response
CRC
D[14]
D[13]
D[12]
D[11]
D[10]
D[9]
D[8]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
0
0
0
0
0
0
0NV
U
ST
BS
AT[1]
AT[0]
S
0
0 to 8 bits
Table 19. Long Response - Request Status Command
Data
CRC
D[15]
D[14]
D[13]
D[12]
D[11]
D[10]
D[9]
D[8]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
A[3]
A[2]
A[1]
A[0]
0000
NV
U
ST
BS
AT[1]
AT[0]
S
0
0 to 8 bits
Table 20. Request Status Response Bit Definitions
Bit Field
Definition
S
This bit indicates whether the device has detected an internal device error.
1 - Internal Error detected.
0 - No Internal Error detected
Reference Table 59 for conditions that set the S bit.
AT[1:0]
Attribute bits located in Register DEVCFG1 (Reference Section 3.1.4.2)
BS
Bus Switch state. This bit controls the state of the bus switch:
1 - Close the bus switch
0 - Do not close the bus switch
ST
This bit indicates whether internal self-test circuitry is active
1 - Self-Test active
0 - Self-Test disabled
U
This bit is set if the voltage at HCAP is below the threshold specified in Section 2. Refer to Section 3.3.2 for details.
NV
NVM Program Enable. This bit indicates whether programming of the user-programmable OTP locations is enabled.
1 - OTP programming Enabled
0 - OTP programming Disabled
A[3:0]
DSI device address. This field contains the device address.
Shaded bits are transmitted to meet the response message length of the received message


Similar Part No. - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
More results

Similar Description - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
   Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com