Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA16XXKW Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MMA16XXKW
Description  DSI Inertial Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA16XXKW Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MMA16XXKW Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
Sensors
Freescale Semiconductor, Inc.
35
MMA16xxKW
4.2.1.5
Request ID Information Command
The Request ID Information command is supported in the following command formats:
• Standard Long Command
• Standard Short Command
• Enhanced Long Command as configured by the Format Control Command (Reference Section 4.2.1.11)
• Enhanced Short Command as configured by the Format Control Command (Reference Section 4.2.1.11)
The device ignores the Request ID Information command if the DSI device address is set to the DSI Global Device Address
of ‘0000’. The data bits D[7:0] in the command are only used in the CRC calculation.
4.2.1.6
DSI Command #5
DSI Command ‘0101’ is not implemented. The device ignores all command formats with a command ID of ‘0101’.
4.2.1.7
DSI Command #6
DSI Command ‘0110’ is not implemented. The device ignores all command formats with a command ID of ‘0110’.
Table 27. Request ID Information Command
Data
Address
Command
CRC
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
A[3]
A[2]
A[1]
A[0]
C[3]
C[2]
C[1]
C[0]
A[3]
A[2]
A[1]
A[0]
0100
0 to 8 bits
Table 28. Request ID Information Command Bit Definitions
Bit Field
Definition
C[3:0]
Request ID Information Data Command = ‘0100’
A[3:0]
DSI device address. This field contains the device address. This field must match the internal programmed address field. Otherwise, the
command is ignored.
D[7:0]
Used for CRC calculation only
Table 29. Short Response - Request ID Information Command
Response
CRC
D[14]
D[13]
D[12]
D[11]
D[10]
D[9]
D[8]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
0
0
0
0
0
0
0
V2
V1
V0
0
DEVID
1
0
0
0 to 8 bits
Table 30. Long Response - Request ID Information Command
Response
CRC
D[15]
D[14]
D[13]
D[12]
D[11]
D[10]
D[9]
D[8]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
A[3]
A[2]
A[1]
A[0]
0000
V[2]
V[1]
V[0]
0
DEVID
100
0 to 8 bits
Table 31. Request ID Response Bit Definitions
Bit Field
Definition
D[4:0] = {1’b0,DEVID, 3’b100}
Device Identifier:‘00100’, or ‘01100’
DEVID: Bit 7 of the DEVCFG regIster
V[2:0]
Version ID. This field indicates the device / silicon revision of the device.
A[3:0]
DSI device address. This field contains the device address.
Shaded bits are transmitted to meet the response message length of the received message


Similar Part No. - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
More results

Similar Description - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
   Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com