Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA16XXKW Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MMA16XXKW
Description  DSI Inertial Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA16XXKW Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MMA16XXKW Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
Sensors
36
Freescale Semiconductor, Inc.
MMA16xxKW
4.2.1.8
Clear Command
The Clear command is supported in the following command formats:
• Standard Long Command
• Standard Short Command
• Enhanced Long Command as configured by the Format Control Command (Reference Section 4.2.1.11)
• Enhanced Short Command as configured by the Format Control Command (Reference Section 4.2.1.11)
When the device successfully decodes a Clear Command, and the address field matches either the assigned device address
(PA[3:0]) or the DSI Global address of ‘0000’, the bus switch is opened within TBSOPEN, and the device logic is reset. Reference
Section 3.6 for the initialization sequence following a Clear Command. The data bits D[7:0] in the command are only used in the
CRC calculation. There is no response to the Clear Command.
4.2.1.9
DSI Command #8
DSI Command ‘1000’ is not implemented. The device ignores all command formats with a command ID of ‘1000’.
Table 32. Clear Command
Data
Address
Command
CRC
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
A[3]
A[2]
A[1]
A[0]
C[3]
C[2]
C[1]
C[0]
A[3]
A[2]
A[1]
A[0]
0111
0 to 8 bits
Table 33. Clear Command Bit Definitions
Bit Field
Definition
C[3:0]
Clear Command = ‘0111’.
When a Clear Command is successfully decoded and the address field matches either the assigned device address or the DSI Global
Device Address of ‘0000’, the bus switch is opened within tBSOPEN, and the device logic is reset. Reference Section 3.6 for the initialization
sequence following a Clear Command.
A[3:0]
DSI device address. This field contains the device address. This field must match the internal programmed address field or the Global
Device Address of ‘0000’. Otherwise, the command is ignored.
D[7:0]
Used for CRC calculation only


Similar Part No. - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
More results

Similar Description - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
   Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com